Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LI-JETSON-KIT-RAA462113CS Datasheet(PDF) 1 Page - Leopard Imaging Inc.

Part # LI-JETSON-KIT-RAA462113CS
Description  Nvidia Jetson TX1/TX2 Developer Kit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEOPARD [Leopard Imaging Inc.]
Direct Link  https://leopardimaging.com/
Logo LEOPARD - Leopard Imaging Inc.

LI-JETSON-KIT-RAA462113CS Datasheet(HTML) 1 Page - Leopard Imaging Inc.

  LI-JETSON-KIT-RAA462113CS Datasheet HTML 1Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 2Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 3Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 4Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 5Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 6Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 7Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 8Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 9Page - Leopard Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LI-JETSON-KIT- RAA462113CS-X
LEOPARD IMAGING INC
Data Sheet
Key Features
Compatible with Nvidia® Jetson™
TX1/TX2 Developer Kit
MIPI CSI-2 interface
Support up to three cameras
Renesas 8MP CMOS Image Sensor
RAA462113
Effective pixels: 3872H x 2192V
Pixel size: 1.85 um x 1.85 um
Color camera
High sensitivity
Low noise
Length of the I-PEX cable: 300mm
Support multiple length cables
Support CS lens
(Lens not included)
650 nm IR cut filter included
Provide customization services
Part#:
(1 cam) LI-JETSON-KIT-RAA462113CS
(2 cam) LI-JETSON-KIT-RAA462113CS-D
(3 cam) LI-JETSON-KIT-RAA462113CS-T
BOM
Nvidia TX1/TX2 Development Kit not included
CS lens not included
#
Items
QTY
1
LI-JTX1-MIPI-ADPT
1
2
LI- RAA462113-MIPI-CS
1,2 or 3
3
FAW-1233-03 cable
1,2 or 3
Leopard Imaging Inc.
48820 Kato Road, Suite 100B, Fremont, CA 94538, USA
Phone: +1-408-263-0988
Fax: +1-408-217-1960
Email: sales@leopardimaging.com
Website: www.leopardimaging.com


Similar Part No. - LI-JETSON-KIT-RAA462113CS

ManufacturerPart #DatasheetDescription
logo
Leopard Imaging Inc.
LI-JETSON-KIT-AR0144CS LEOPARD-LI-JETSON-KIT-AR0144CS Datasheet
3Mb / 13P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-AR0144CS-D LEOPARD-LI-JETSON-KIT-AR0144CS-D Datasheet
3Mb / 13P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-AR0144CS-H LEOPARD-LI-JETSON-KIT-AR0144CS-H Datasheet
3Mb / 13P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-AR0144CS-T LEOPARD-LI-JETSON-KIT-AR0144CS-T Datasheet
3Mb / 13P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-AR0144CS-X LEOPARD-LI-JETSON-KIT-AR0144CS-X Datasheet
3Mb / 13P
Nvidia Jetson TX1/TX2 Developer Kit
More results

Similar Description - LI-JETSON-KIT-RAA462113CS

ManufacturerPart #DatasheetDescription
logo
Leopard Imaging Inc.
LI-JETSON-IMX274-DUAL LEOPARD-LI-JETSON-IMX274-DUAL Datasheet
3Mb / 13P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-AR0144CS-X LEOPARD-LI-JETSON-KIT-AR0144CS-X Datasheet
3Mb / 13P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-IMX264M12-X LEOPARD-LI-JETSON-KIT-IMX264M12-X Datasheet
4Mb / 15P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-IMX327CS-X LEOPARD-LI-JETSON-KIT-IMX327CS-X Datasheet
4Mb / 15P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JETSON-KIT-IMX335CS-X LEOPARD-LI-JETSON-KIT-IMX335CS-X Datasheet
4Mb / 15P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JEVA-AR0231-GMSL2 LEOPARD-LI-JEVA-AR0231-GMSL2 Datasheet
2Mb / 10P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JEVA-IMX390-FPDLINKIII LEOPARD-LI-JEVA-IMX390-FPDLINKIII Datasheet
2Mb / 10P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JEVA-IMX390-GMSL2 LEOPARD-LI-JEVA-IMX390-GMSL2 Datasheet
2Mb / 10P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JEVA-OV2311-FPDLINKIII LEOPARD-LI-JEVA-OV2311-FPDLINKIII Datasheet
2Mb / 10P
Nvidia Jetson TX1/TX2 Developer Kit
LI-JEVA-OV2311-GMSL2 LEOPARD-LI-JEVA-OV2311-GMSL2 Datasheet
2Mb / 10P
Nvidia Jetson TX1/TX2 Developer Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com