Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC880CZP133 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC880CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880CZP133 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC880CZP133 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
Freescale Semiconductor
5
Features
—AppleTalk
— Universal asynchronous receiver transmitter (UART)
— Synchronous UART
— Serial infrared (IrDA)
— Binary synchronous communication (BISYNC)
— Totally transparent (bit streams)
— Totally transparent (frame based with optional cyclic redundancy check (CRC))
Up to two serial management channels (SMCs) supporting the following protocols:
— UART (low-speed operation)
— Transparent
— General circuit interface (GCI) controller
— Provide management for BRI devices as GCI controller in time-division multiplexed (TDM)
channels
Universal serial bus (USB)—Supports operation as a USB function endpoint, a USB host controller,
or both for testing purposes (loop-back diagnostics)
— USB 2.0 full-/low-speed compatible
— The USB function mode has the following features:
– Four independent endpoints support control, bulk, interrupt, and isochronous data transfers.
– CRC16 generation and checking
– CRC5 checking
– NRZI encoding/decoding with bit stuffing
– 12- or 1.5-Mbps data rate
– Flexible data buffers with multiple buffers per frame
– Automatic retransmission upon transmit error
— The USB host controller has the following features:
– Supports control, bulk, interrupt, and isochronous data transfers
– CRC16 generation and checking
– NRZI encoding/decoding with bit stuffing
– Supports both 12- and 1.5-Mbps data rates (automatic generation of preamble token and data
rate configuration). Note that low-speed operation requires an external hub.
– Flexible data buffers with multiple buffers per frame
– Supports local loop back mode for diagnostics (12 Mbps only)
Serial peripheral interface (SPI)
— Supports master and slave modes
— Supports multiple-master operation on the same bus
Inter-integrated circuit (I2C) port
— Supports master and slave modes
— Supports a multiple-master environment
Time-slot assigner (TSA)
— Allows SCCs and SMCs to run in multiplexed and/or non-multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com