Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC880CZP133 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC880CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880CZP133 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC880CZP133 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC880CZP133 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
14
Freescale Semiconductor
Power Supply and Power Sequencing
7.5 Experimental Determination
To determine the junction temperature of the device in the application after prototypes are available, the thermal
characterization parameter (
ΨJT) can be used to determine the junction temperature with a measurement of the
temperature at the top center of the package case using the following equation:
TJ = TT + (ΨJT × PD)
where:
Ψ
JT = thermal characterization parameter
TT = thermocouple temperature on top of package
PD = power dissipation in package
The thermal characterization parameter is measured per the JESD51-2 specification published by JEDEC using a 40
gauge type T thermocouple epoxied to the top center of the package case. The thermocouple should be positioned
so that the thermocouple junction rests on the package. A small amount of epoxy is placed over the thermocouple
junction and over about 1 mm of wire extending from the junction. The thermocouple wire is placed flat against the
package case to avoid measurement errors caused by the cooling effects of the thermocouple wire.
7.6 References
Semiconductor Equipment and Materials International
(415) 964-5111
805 East Middlefield Rd
Mountain View, CA 94043
MIL-SPEC and EIA/JESD (JEDEC) specifications
800-854-7179 or
(Available from Global Engineering Documents)
303-397-7956
JEDEC Specifications
http://www.jedec.org
1. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive Engine
Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47-54.
2. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and Its
Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212-220.
8
Power Supply and Power Sequencing
This section provides design considerations for the MPC885/880 power supply. The MPC885/880 has a core voltage
(VDDL) and PLL voltage (VDDSYN), which both operate at a lower voltage than the I/O voltage VDDH. The I/O
section of the MPC885/880 is supplied with 3.3 V across VDDH and VSS (GND).
The signals PA[0:15], PB[14:31], PC[4:15], PD[3:15], TDI, TDO, TCK, TRST_B, TMS, MII_TXEN, and
MII_MDIO are 5-V tolerant. All inputs cannot be more than 2.5 V greater than VDDH. In addition, 5-V tolerant pins
can not exceed 5.5 V and remaining input pins cannot exceed 3.465 V. This restriction applies to power up/down
and normal operation.
One consequence of multiple power supplies is that when power is initially applied the voltage rails ramp up at
different rates. The rates depend on the nature of the power supply, the type of load on each power supply, and the
manner in which different voltages are derived. The following restrictions apply:
•VDDL must not exceed VDDH during power up and power down.
•VDDL must not exceed 1.9 V, and VDDH must not exceed 3.465 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com