Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD3148 Datasheet(PDF) 5 Page - Will Semiconductor Ltd.

Part # WD3148
Description  White LED Driver with PWM Brightness Control in Tiny Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3148 Datasheet(HTML) 5 Page - Will Semiconductor Ltd.

  WD3148 Datasheet HTML 1Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 2Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 3Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 4Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 5Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 6Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 7Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 8Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 9Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
WD3148
Will Semiconductor Ltd.
5
Apr 12, 2016 - Rev. 1.0
Electronics Characteristics (Ta=25
oC, V
IN=3.6V, VEN=VIN, CIN=COUT=1μF, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Operation Voltage Range
VIN
2.7
--
5.5
V
Under Voltage Lockout
VUVLO
VIN Rising
1.8
2.2
2.5
V
UVLO Hysteresis
VUVLO-HYS
0.1
V
Quiescent Current
IQ
No Switching
0.4
1
mA
Supply Current
IS
Switching
1
2
mA
Shutdown Current
ISD
VEN < 0.4V
1
μA
Enable and Reference Control
EN Threshold Voltage
VENL
0
0.4
V
VENH
1.5
VIN
V
EN Pull-down Resistance
REN
1
M
EN Shutdown Pulse Width
tOFF
EN High to Low
2.5
ms
Voltage and Current Control
Feedback Reference
VREF
100% Full Scale
190
200
210
mV
1% Dimming
2.4
3.6
mV
0.3% Dimming
1.5
mV
Feedback Input Bias Current
IFB
1
μA
Operation Frequency
fOSC
500
600
700
kHz
Maximum Duty Cycle
DMAX
92
95
%
PWM Dimming Clock Rate
Recommended
5
100
KHz
PWM Dimming Duty Cycle
Recommended
0.3
100
%
Power Switch
On Resistance
RON
VIN=3.6V, 100mA
0.4
N-channel Leakage Current
ILN_NFET
VLX=40V, TA=25ºC
1
μA
OC and OLP
Current Limit
ILIM
0.68
0.85
A
Open LED Protection
Threshold
VOLP
LED Open,
Measured on LX
36
38
40
V
Thermal Shutdown
Thermal Shutdown
Temperature
TSD
160
°C
TSD Hysteresis
TSD-HYS
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com