Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD3148 Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

Part # WD3148
Description  White LED Driver with PWM Brightness Control in Tiny Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3148 Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

Back Button WD3148 Datasheet HTML 2Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 3Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 4Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 5Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 6Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 7Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 8Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 9Page - Will Semiconductor Ltd. WD3148 Datasheet HTML 10Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
WD3148
Will Semiconductor Ltd.
6
Apr 12, 2016 - Rev. 1.0
Typical Characteristics
(Ta=25
oC, V
IN=3.6V, VEN=VIN, CIN=COUT=1μF, 10 LEDs, unless otherwise noted)
Efficiency vs. Output Current
Efficiency vs. Output Current
LED Current vs. Temperature
Frequency vs. Temperature
LED Current vs. Supply Voltage
Frequency vs. Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.50
0.55
0.60
0.65
0.70
Supply Voltage (V)
0
2
4
6
8
10 12 14 16 18 20
50
60
70
80
90
100
Output Current (mA)
L=22uH,10LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
0
4
8
12 16 20 24 28 32 36 40
50
60
70
80
90
100
Output Current (mA)
L=22uH 6x2LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
-50
-30
-10
10
30
50
70
90
19.0
19.5
20.0
20.5
21.0
Temperature (
oC)
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
-50
-30
-10
10
30
50
70
90
0.50
0.55
0.60
0.65
0.70
Temperature (
oC)
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
19.0
19.5
20.0
20.5
21.0
Input Voltage (V)
10LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com