Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP6366 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6366
Description  1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6366 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

  FP6366 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FP6366-1.7-MAR-2013
FP6366
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
2.5
3.0
3.5
4.0
4.5
5.0
10
15
20
25
30
35
40
Input voltage(V)
VIN=3.6V, VOUT=1.8V, L=10μH, COUT=10μF+0.1μF, ILOAD=20mA
Figure 10. Quiescent Current vs. Input Voltage
Figure 11. Light Load Waveform
VIN=3.6V, VOUT=1.8V, L=10μH, COUT=10μF+0.1μF,
ILOAD=1mA to 600mA
VIN=3.6V, VOUT=1.8V, L=10μH, COUT=10μF+0.1μF,
ILOAD=20mA to 600mA
Figure 12. Load Transient Response
Figure 13. Load Transient Response
VIN=3.6V, VOUT=1.8V, L=10μH, COUT=10μF+0.1μF,
ILOAD=100mA to 600mA
VIN=3.6V, VOUT=1.8V, L=10μH, COUT=10μF+0.1μF,
ILOAD=200mA to 600mA
Figure 14. Load Transient Response
Figure 15. Load Transient Response
CH1: SW
CH2: Output Voltage, AC-Coupled
CH4: Inductor Current
CH2: Output Voltage, AC-Coupled
CH2: Output Voltage, AC-Coupled
CH1: SW
CH1: SW
CH4: Load Current
CH4: Load Current
CH1: SW
CH4: Load Current
CH2: Output Voltage, AC-Coupled
CH2: Output Voltage, AC-Coupled
CH1: SW
CH4: Load Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com