Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP6801-22CS5P Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6801-22CS5P
Description  Microprocessor Reset Circuits With Adjustable Delay Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6801-22CS5P Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6801-22CS5P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FP6801-1.7-DEC-2012
FP6801
85T
fitipower integrated technology lnc.
Absolute Maximum Ratings
● Supply Voltage (V
DD to GND ) ------------------------------------------------------------------------------ -0.3V to +6V
● OUT voltage (Push-Pull) ------------------------------------------------------------------------------------ -0.3 to (V
DD +0.3V)
● OUT Voltage (Open Drain) --------------------------------------------------------------------------------- -0.3 to (V
DD +0.3V)
● Output Current ------------------------------------------------------------------------------------------------ +20mA
● Power Dissipation, P
D @TA=25ºC
SOT-23-5 ------------------------------------------------------------------------------------------- +400mW
SC-82 ------------------------------------------------------------------------------------------------ +200mW
● Package Thermal Resistance, (θ
JA)
SOT-23-5 ------------------------------------------------------------------------------------------- +250ºC/W
SC-82 ------------------------------------------------------------------------------------------------ +500ºC/W
● Maximum Junction Temperature -------------------------------------------------------------------------- +150ºC
● Storage Temperature Range (T
STG) ---------------------------------------------------------------------- -65ºC to +150ºC
● Lead Temperature (Soldering, 10sec.) ------------------------------------------------------------------ +260ºC
Note1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage (V
DD to GND ) ----------------------------------------------------------------------------- +1.0V to +5.5V
● Operation Temperature Range --------------------------------------------------------------------------- -40ºC to +85ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com