Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP6801-22CS5P Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6801-22CS5P
Description  Microprocessor Reset Circuits With Adjustable Delay Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6801-22CS5P Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

  FP6801-22CS5P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6801-22CS5P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FP6801-1.7-DEC-2012
FP6801
85T
fitipower integrated technology lnc.
Typical Performance Curves
Figure 5. Supply Current Consumption (IDD) vs. Input
Voltage (VDD) for -VTH=2.4V
Figure 6. Supply Current Consumption (IDD) vs. Input
Voltage (VDD) for -VTH=2.7V
Figure 7. Reset Threshold Voltage (±VTH) vs. Temperature
(Ta) for -VTH=2.4V
Figure 8. Reset Threshold Voltage (±VTH) vs. Temperature
(Ta) for -VTH=2.7V
Figure 9. Delay Time (TD) vs. Temperature for -VTH=2.2V,
CD=4.7nF
Figure 10. Delay Time (TD) vs. Temperature for -VTH=2.7V,
CD=4.7nF
0
1
2
3
4
5
0
1
2
3
4
5
Input Voltage (V)
0
1
2
3
4
5
0
1
2
3
4
5
Input Voltage (V)
-40
-20
0
20
40
60
80
2.2
2.3
2.4
2.5
2.6
2.7
-V
TH
+V
TH
Temperature
(
oC)
-40
-20
0
20
40
60
80
2.5
2.6
2.7
2.8
2.9
3.0
+V
TH
-V
TH
Temperature
(
oC)
-40
-20
0
20
40
60
80
0
10
20
30
40
50
Temperature
(
oC)
-40
-20
0
20
40
60
80
0
10
20
30
40
50
Temperature
(
oC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com