Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPCE063A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPCE063A
Description  16-Bit Sound Controller with 32K X 16 Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE063A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPCE063A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 13Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 14Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 15Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 16Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
GPCE063A
© Generalplus Technology Inc.
Proprietary & Confidential
13
Oct. 04, 2013
Version: 1.8
PWM: Pulse Width Modulation
Refer to the above table, the configuration of IOA9, IOA10, IOA11,
and IOA12 involves feedback function in which an OSC
frequency can be obtained from EXT1 (EXT2) by simply adding a
RC circuit between IOA8 (IOA10) and IOA9 (IOA11).
6.9. Timer / Counter
GPCE063A provides three 16-bit timers/counters - TimerA,
TimerB and TimerC or so called universal counters.
The clock
sources of Timer A/B/C are from clock source Input 1 and clock
source Input 2 (see below table) which perform AND operation to
form the varieties of combinations.
When timer overflows, a
timeout signal (TAOUT) is sent to CPU interrupt module to
generate a timer interrupt signal.
In addition, Timer A/B/C
hardware interrupt events can be used to latch the DAC audio
output and trigger ADC conversion.
Example to Timer A, sending a write signal into TMA_CNT, the
value of TMA_DATA (value=N) will reload into TMA_CNT and set
an appropriated clock source.
Timer wills up-count from N, N+1,
N+2… 0XFFFF.
An INT signal is generated at the moment of
timer rolling over from “0xFFFF” to “0x0000”, and an INT signal is
processed by INT controller immediately.
At the same time, N
will be reloaded into TMA_CNT and start counting again.
In Timer A, the clock Input 1 is a high frequency source and clock
Input 2 is a low frequency clock source.
The combination of
clock
Input
1
and
2
provides
varieties
of
speeds
to
TimerA/CounterA - “1” representing pass signal (not gating), and
“0” meaning timer deactivated.
For instance, if Input 1=”1”, the
clock is depending on Input 2.
If Input 1=”0”, the TimerA is
deactivated.
The EXT1/ETX2 is the external clock source 1 and
external clock source 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com