Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPCE063A Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPCE063A
Description  16-Bit Sound Controller with 32K X 16 Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE063A Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPCE063A Datasheet HTML 17Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 18Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 19Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 20Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 21Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 22Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 23Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 24Page - Generalplus Technology Inc. GPCE063A Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
GPCE063A
© Generalplus Technology Inc.
Proprietary & Confidential
21
Oct. 04, 2013
Version: 1.8
8.2. Application Circuit (2)
GPCE063A
RESET
RESET
Speaker
DAC
IOA[15:0]
IOA[15:0]
IOB[15:0]
IOB[15:0]
0.1uF
10uF
470K
3K
VMIC
0.22uF
0.22uF
MICP
MICN
3K
1K
MIC
4.7uF
AGC
5.1K
0.22uF
5000pF
0.1uF
VADREF
OPI
MICOUT
X32I
X32O
32768Hz
20pF*
VCOIN
3.3K
3300pF
0.1uF
20pF*
1
2
4
5
GPY0030B
0.1uF 1K
270
0.027uF
0.1uF
10K
100uF 0.1uF
VDDH(3.6v)
VDDIO
VSSIO
VDD
AVSS
0.1uF
10uF
AVDD
VSS
VDD(3.6v)
GPCE063A Application Circuit (MIC_IN and GPY0030A audio amplifier, for 2-battery use only)
Note*:
These capacitor values are for design guidance only. The recommended 32K XTAL features are ESR=11.2~35K and CL1=CL2 =20~30pF (including
PCB parasitic loading, for example, user should apply additional 14~24pF on X32I and X32O if PCB parasitic loading is 6pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com