Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1282KSLAXAL Datasheet(PDF) 9 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 9 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 5Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 6Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 7Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 8Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 9Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 10Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 11Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 12Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 13Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
Version 1.4
9
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL/ NM1282NSLAXAL
NTC Proprietary
Level: Property
Ball Description - 2Gb X16/X32 LPDDR2
Symbol
Type
Function
CK,

Input
Clock: CK and
 are differential clock inputs. All Double Data Rate (DDR) CA inputs are sampled on
both positive and negative edge of CK. Single Data Rate (SDR) inputs,
 and CKE, are sampled at the
positive Clock edge. Clock is defined as the differential pair, CK and
. The positive Clock edge is
defined by the crosspoint of a rising CK and a falling
. The negative Clock edge is defined by the
crosspoint of a falling CK and a rising
.
CKE
Input
Clock Enable: CKE high activates, and CKE low deactivates internal clock signals, and device input
buffers and output drivers. Power saving modes are entered and exited through CKE transitions. CKE is
considered part of the command code. CKE is sampled at the positive Clock edge.

Input
Chip Select:
 is considered part of the command code.  is sampled at the positive Clock edge.
CA0
– CA9
Input
Command/Address Inputs: Uni-directional command/address bus inputs. Provide the command and
address inputs according to the command truth table. CA is considered part of the command code.
For X16:
DM0
– DM1
For X32:
DM0
– DM3
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is sampled
HIGH coincident with that input data during a Write access. DM is sampled on both edges of DQS.
Although DM pins are input-only, the DM loading matched the DQ and DQS (or
).
DM0 corresponds to the data on DQ0-DQ7, DM1 corresponds to the data on DQ8-DQ15, DM2
corresponds to the data on DQ16-DQ23, and DM3 corresponds to the data on DQ24-DQ31.
For X16:
DQ0-DQ15
For X32:
DQ0-DQ31
Input/output Data Bus: Bi-directional Input / Output data bus.
For X16:
DQS0-1,

For X32:
DQS0-3,

Input/output
Data Strobe (Bi-directional, Differential): The data strobe is bi-directional (used for read and write data)
and Differential (DQS and
). It is output with read data and input with write data. DQS is edge-aligned
to read data, and centered with write data.
DQS0 &
 corresponds to the data on DQ0-DQ7, DQS1 &  corresponds to the data on
DQ8-DQ15, DQS2 &
 corresponds to the data on DQ16-DQ23, DQS3 &  corresponds to the
data on DQ24-DQ31.
NC
─
No Connect: No internal electrical connection is present.
ZQ
Input
Reference Pin for Output Drive Strength Calibration. External impedance (240-ohm): this signal is
used to calibrate the device output impedance.
VDD1
Supply
Core Power Supply 1: Core power supply
VDD2
Supply
Core Power Supply 2: Core power supply
VDDQ
Supply
DQ Power Supply: Isolated on the die for improved noise immunity.
VDDCA
Supply
Input Receiver Power Supply: Power supply for CA0-9, CKE,
, CK, and  input buffers.
VREFDQ, VREFCA
Supply
Reference Voltage: VREFDQ is reference for DQ input buffers. VREFCA is reference for Command /
Address input buffers.
VSS
Supply
Ground
NOTE 1: The signal may show up in a different symbol but it indicates to the same thing. e.g., /CK = CK# =
 = CKb,
/DQS = DQS# =
 = DQSb, /CS = CS# =  = CSb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com