Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1282KSLAXAL Datasheet(PDF) 46 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 46 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 42Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 43Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 44Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 45Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 46Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 47Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 48Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 49Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 50Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 121 page
background image
Version 1.4
46
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL/ NM1282NSLAXAL
NTC Proprietary
Level: Property
(6)Acceptable commands after Serial Input command “80h”
O
nce the Serial Input command “80h” has been input, do not input any command other than the Column
Address Change in Serial Data Input command “85h”, Auto Program command “10h”, Multi Page Program
command “11h”, Auto Program with Data Cache Command “15h”, or the Reset command “FFh”.
If a command other than “85h” , “10h” , “11h” , “15h” or “FFh” is input, the Program operation is not performed
and the device operation is set to the mode which the input command specifies.
(7)Addressing for Program Operation
Within a block, the pages must be programmed consecutively from the LSB (least significant bit) page of the
block to MSB (most significant bit) page of the block. Random page address programming is prohibited.
Page 63
Page 31
Page2
Page 1
Page 0
(64)
(32)
(3)
(1)
‧
‧
‧
‧
‧
‧
(2)
Ex.) Random page program (Prohibition)
DATA IN: Data(1)  Data (64)
Data Register
From the LSB page to MSB page
DATA IN: Data(1)  Data (64)
Data Register
Page 63
Page 31
Page2
Page 1
Page 0
(64)
(2)
(3)
(32)
‧
‧
‧
‧
‧
‧
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com