Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MNDS26F32ME/883 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNDS26F32ME/883
Description  QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNDS26F32ME/883 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MNDS26F32ME/883 Datasheet HTML 1Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 2Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 3Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 4Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 5Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 6Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 7Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 8Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNDS26F32M-X-RH REV 0C0
Features
- Military temperature range
- Input voltage range of +7.0V (differential or common mode) +0.2V sensitivity over the
input voltage range.
- High input impedance
- Operation from single +5.0V supply
- Input pull-down resistor prevents output oscillation on unused channels
- TRI-STATE outputs, with choice of complementary enables, for receiving directly on a
data bus
CONTROLLING DOCUMENTS:
DS26F32ME/883
5962-7802005M2A
DS26F32MER-QML
5962R7802005Q2A
DS26F32MJ-QMLV
5962-7802005VEA
DS26F32MJ/883
5962-7802005MEA
DS26F32MJR-QML
5962R7802005QEA
DS26F32MJRQMLV
5962R7802005VEA
DS26F32MW-QMLV
5962-7802005VFA
DS26F32MW/883
5962-7802005MFA
DS26F32MWG/883
5962-7802005MZA
DS26F32MWGRQMLV
5962R7802005VZA
DS26F32MWR-QML
5962R7802005QFA
DS26F32MWRQMLV
5962R7802005VFA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com