Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MNDS26F32ME/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNDS26F32ME/883
Description  QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNDS26F32ME/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MNDS26F32ME/883 Datasheet HTML 1Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 2Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 3Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 4Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 5Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 6Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 7Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 8Page - National Semiconductor (TI) MNDS26F32ME/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNDS26F32M-X-RH REV 0C0
(Absolute Maximum Ratings)
(Note 1)
Storage Temperature Range
-65 C < Ta < +150 C
Operating Temperature Range
-55 C < Ta < +125 C
Lead Temperature
300 C
Soldering, 60 seconds
Supply Voltage
7.0V
Common Mode Voltage Range
+25V
Differential Input Voltage
+25V
Enable Voltage
7.0V
Output Sink Current
50mA
Maximum Power Dissipation (Pd) @ +25C
(Note 2)
500mW
Thermal Resistance (JA)
100 C/W
J package
142 C/W
W package
87 C/W
E package
Note 1:
"Absolute Maximum Ratings" are those values beyond which the safety of the device
cannot be guaranteed. They are not meant to imply that the devices should be operated
at these limits. The tables of "Electrical Characteristics" provide conditions for
actual device operation.
Note 2:
Derate J package 10.0mW/C above +25C, Derate W package 7.1mW/C above +25C, Derate E
package 11.5mW/C above +25C
Recommended Operating Conditions
Operating Temperature
-55 C < Ta < +125 C
Supply Voltage
4.5V to 5.5V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com