Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA212701FA-V2-R2 Datasheet(PDF) 2 Page - Cree, Inc

Part # GTVA212701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA212701FA-V2-R2 Datasheet(HTML) 2 Page - Cree, Inc

  GTVA212701FA-V2-R2 Datasheet HTML 1Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 2Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 3Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 4Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 5Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 6Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 7Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.1, 2019-01-28
2
GTVA212701FA
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown Voltage
VGS = –8 V, ID = 10 mA
V(BR)DSS
150
—
—
V
Drain-source Leakage Current
VGS = –8 V, VDS = 10 V
IDSS
—
—
4.5
mA
Gate Threshold Voltage
VDS = 10 V, ID = 32 mA
VDSX(th)
–3.8
3.0
–2.3
V
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Drain Operating Voltage
VDD
0
—
50
V
Gate Quiescent Voltage
VDS = 48 V, ID = 320 mA
VGS(Q)
–3.4
–3.0
–2.5
V
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
125
V
Operating Voltage
VDD
55
V
Gate-source Voltage
VGS
–10 to +2
V
Gate Current
IG
32
mA
Drain Current
ID
12
A
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding
only one of these values may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. For reliable continuous operation, the device should be operated within the operating
voltage range (VDD) specified above.
Thermal Characteristics
TCASE = 70°c, 56.2 W (CW), 48 V, IDQ = 320 mA, 2170 MHz
Characteristic
Symbol
Value
Unit
Thermal Resistance
RqJC
1.1
°C/W
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
GTVA212701FAV2R0
GTVA212701FA-V2-R0
H-87265J-2,single-ended,earlessflange
Tape&Reel,50pcs
GTVA212701FAV2R2
GTVA212701FA-V2-R2
H-87265J-2,single-ended,earlessflange
Tape&Reel,250pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com