Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA262701FA-V2-R2 Datasheet(PDF) 6 Page - Cree, Inc

Part # GTVA262701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA262701FA-V2-R2 Datasheet(HTML) 6 Page - Cree, Inc

  GTVA262701FA-V2-R2 Datasheet HTML 1Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 2Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 3Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 4Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 5Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 6Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 7Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.2, 2019-01-07
6
GTVA262701FA
Reference Circuit tuned for 2620 to 2690 MHz
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 33 pF
ATC
ATC800A330JT250T
C102
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C103
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C104
Capacitor, 100 µF
Panasonic Electronic Components
EEV-HD1V101P
C105
Capacitor, 1.8 pF
ATC
ATC800A1R8CT250T
C106, C107
Capacitor, 12 pF
ATC
ATC800A120JT250T
L1
Inductor, 22 nH
ATC
0805WL220JT
R101
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
Output
C201
Capacitor, 1.1 pF
ATC
ATC800A1R1CT250T
C202, C207
Capacitor, 12 pF
ATC
ATC800A120JT250T
C203
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C204
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C205
Capacitor, 0.9 pF
ATC
ATC800A0R9CT250T
C206
Capacitor, 0.4 pF
ATC
ATC800A0R4CT250T
C208
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221
S
G
D
H-37265J-2_03_pd_20 16-12-01-bn
Pinout Diagram (top view)
Lead connections for GTVA262701FA
Pin
Description
D
Drain Device
G
Gate Device
S
Source (flange)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com