Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA262701FA-V2-R2 Datasheet(PDF) 7 Page - Cree, Inc

Part # GTVA262701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA262701FA-V2-R2 Datasheet(HTML) 7 Page - Cree, Inc

  GTVA262701FA-V2-R2 Datasheet HTML 1Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 2Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 3Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 4Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 5Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 6Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 7Page - Cree, Inc GTVA262701FA-V2-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.2, 2019-01-07
7
GTVA262701FA
Package Outline Specifications
Package H-87265J-2
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D – drain; G – gate; S – source.
5. Lead thickness: 0.13 ± 0.05 mm [.005 ± .002 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].
CL
L
C
D
G
6.35
[.250]
LID
10.16±.25
[.400±.010]
45° X .64
[.025]
2.59±.51
[.102±.020]
10.16±.25
[.400±.010]
SPH 1.57
[.062]
1.02
[.040]
S
(15.34
[.604])
3.63±.38
[.143±.015]
H-87265J-2_po-03_03-03-2017-bn
FLANGE
R0.63
[R.025] MAX
FLANGE
10.16 ± 0.191
[.400 ± .0075]
10.16 ± 0.191
[.400 ± .0075]
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994
2. Primary dimensions are mm; alternate dimensions are inches
3. All tolerances ± 0.127 [.005]
4. Pins: D – drain; G – gate; S – source
5. Lead thickness: 0.13 ± 0.05 mm [.005 ± .002 inch]
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com