Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPM8F3832A Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPM8F3832A
Description  48--pin 8--bit Microcontroller with 32KB Flash
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPM8F3832A Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPM8F3832A Datasheet HTML 17Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 18Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 19Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 20Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 21Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 22Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 23Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 24Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
P
Prre
elliim
miin
na
arry
y
GPM8F3832A
© Generalplus Technology Inc.
Proprietary & Confidential
21
Aug. 08, 2017
Preliminary Version: 0.4
DPS
Address: 0x86
Data Pointer Select Register
Bit
7
6
5
4
3
2
1
0
Function
ID1
ID0
TSL
-
-
-
-
SEL
Default
0
0
0
0
0
0
0
0
Bit
Function
Type
Description
Condition
7:6
ID[1:0]
R/W
Increment/decrement function select.
See Table 5-15
5
TSL
R/W
Toggle select enable bit
0: DPTR related instructions do not affect state of SEL bit
1: DPTR related instructions to toggle the SEL bit
p.s. The DPTR related instructions are as below
a.MOVX A,@DPTR
b.MOVX @DPTR,A
c.INC DPTR
d.MOV DPTR,#data16
e.MOVC A,@A+DPTR
4:1
--
R/W
Reserved
0
SEL
R/W
Active data pointer select bit
See Table 5-15
Table 5-14 The DPS register
ID1
ID0
SEL=0
SEL=1
0
0
INC DPTR0
INC DPTR1
0
1
DEC DPTR0
INC DPTR1
1
0
INC DPTR0
DEC DPTR1
1
1
DEC DPTR0
DEC DPTR1
Table 5-15 DPTR0/DPTR1 operations
SP
Address: 0x81
Stack Pointer Register
Bit
7
6
5
4
3
2
1
0
Function
SP[7:0]
Default
0
0
0
0
0
1
1
1
Bit
Function
Type
Description
Condition
7:0
SP[7:0]
R/W
Stack pointer
Table 5-16 The SP register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com