Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPM8F3832A Datasheet(PDF) 63 Page - Generalplus Technology Inc.

Part # GPM8F3832A
Description  48--pin 8--bit Microcontroller with 32KB Flash
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPM8F3832A Datasheet(HTML) 63 Page - Generalplus Technology Inc.

Back Button GPM8F3832A Datasheet HTML 59Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 60Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 61Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 62Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 63Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 64Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 65Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 66Page - Generalplus Technology Inc. GPM8F3832A Datasheet HTML 67Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
P
Prre
elliim
miin
na
arry
y
GPM8F3832A
© Generalplus Technology Inc.
Proprietary & Confidential
63
Aug. 08, 2017
Preliminary Version: 0.4
Bit
Function
Type
Description
Condition
7
DIV_INTF
R
Divider interrupts flag.
0 : idle / busy
1 : Divider interrupt trigger
6
MUL_INTF
R
Multiplier interrupts flag.
0 : idle / busy
1 : Multiplier interrupt trigger
5
--
R/W
Reserved
4:0
P5[4:0]
R/W
P5 is used to set IO output data only. Otherwise, it can also be
used to configure the Port5 function.
Table 5-77 P5 register
P0_ID
Address: 0xA9
Port0 Input Data Register
Bit
7
6
5
4
3
2
1
0
Function
P0_ID[7:4]
--
--
P0_ID[1:0]
Default
0
0
0
0
0
0
0
0
Bit
Function
Type
Description
Condition
7:4
P0_ID[7:4]
R/W
P0_ID is used to read-back I/O input state only.
3:2
--
R/W
Reserved
1:0
P0_ID[1:0]
R/W
P0_ID is used to read-back I/O input state only.
Table 5-78 P0_ID register
P1_ID
Address: 0xB9
Port1 Input Data Register
Bit
7
6
5
4
3
2
1
0
Function
P1_ID[7:0]
Default
0
0
0
0
0
0
0
0
Bit
Function
Type
Description
Condition
7:0
P1_ID[7:0]
R/W
P1_ID is used to read-back I/O input state only.
Table 5-79 P1_ID register
P2_ID
Address: 0xA1
Port2 Input Data Register
Bit
7
6
5
4
3
2
1
0
Function
P2_ID[7:0]
Default
0
0
0
0
0
0
0
0
Bit
Function
Type
Description
Condition
7:0
P2_ID[7:0]
R/W
P2_ID is used to read-back I/O input state only.
Table 5-80 P2_ID register
P3_ID
Address: 0xB1
Port3 Input Data Register
Bit
7
6
5
4
3
2
1
0
Function
P3_ID[7:0]
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com