Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A3 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM7A3
Description  AT91 ARM Thumb-based Microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A3 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM7A3 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Preliminary
AT91SAM7A3 Preliminary
6042AS–ATARM–23-Dec-04
Memory
Embedded Memories
•
256 Kbytes of Flash Memory
–
1024 pages of 256 bytes.
–
Fast access time, 30 MHz single cycle access in worst case conditions.
–
Page programming time: 4 ms, including page auto-erase
–
Full erase time: 10 ms
–
10,000 write cycles, 10-year data retention capability
–
16 lock bits, each protecting 64 pages
•
32 Kbytes of Fast SRAM
–
Single-cycle access at full speed
Memory Mapping
Internal RAM
The AT91SAM7A3 embeds a high-speed 32-Kbyte SRAM bank. After reset and until the
Remap Command is performed, the SRAM is only accessible at address 0x0020 0000.
After Remap, the SRAM also becomes available at address 0x0.
Internal Flash
The AT91SAM7A3 features one bank of 256 Kbytes of Flash. The Flash is mapped to
address 0x0010 0000. It is also accessible at address 0x0 after the reset and before the
Remap Command.
Figure 4. Internal Memory Mapping
256M Bytes
Flash Before Remap
SRAM After Remap
Undefined Areas
(Abort)
0x000F FFFF
0x001F FFFF
0x002F FFFF
0x0FFF FFFF
1M Bytes
1M Bytes
1M Bytes
253M Bytes
Internal Flash
Internal SRAM
0x0000 0000
0x0010 0000
0x0020 0000
0x0030 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com