Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7A3 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM7A3
Description  AT91 ARM Thumb-based Microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A3 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM7A3 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Preliminary
AT91SAM7A3 Preliminary
6042AS–ATARM–23-Dec-04
Peripherals
Peripheral Mapping
Each User Peripheral is allocated 16K bytes of address space.
Figure 9. User Peripherals Mapping
16K Bytes
Peripheral Name
Peripheral
Address
Size
16K Bytes
16K Bytes
16K Bytes
0xFFFA 0000
0xFFFA 3FFF
TC0, TC1, TC2
Timer/Counter 0, 1 and 2
16K Bytes
16K Bytes
16K Bytes
16K Bytes
Reserved
Reserved
0xFFFA 4000
0xFFFA 7FFF
TC3, TC4, TC5
Timer/Counter 3, 4 and 5
0xF000 0000
TWI
Two-Wire Interface
0xFFFB 8000
USART0
Universal Synchronous Asynchronous
Receiver Transmitter 0
0xFFFC 0000
0xFFFC 3FFF
USART1
Universal Synchronous Asynchronous
Receiver Transmitter 1
0xFFFC 4000
0xFFFC 7FFF
SSC0
Serial Synchronous Controller 0
0xFFFD 0000
0xFFFD 3FFF
SSC1
Serial Synchronous Controller 1
0xFFFD 4000
0xFFFD 7FFF
0xFFFD FFFF
SPI0
Serial Peripheral Interface 0
0xFFFE 0000
0xFFFE 3FFF
Reserved
0xFFFE FFFF
0xFFFE 8000
0xFFFB 4000
0xFFFB 7FFF
16K Bytes
0xFFFA 8000
0xFFFA BFFF
TC6, TC7, TC8
Timer/Counter 6, 7 and 8
16K Bytes
0xFFF8 0000
0xFFF8 3FFF
CAN0
CAN Controller 0
16K Bytes
0xFFF8 4000
0xFFF8 7FFF
CAN1
CAN Controller 1
Reserved
0xFFF8 8000
0xFFF9 FFFF
16K Bytes
0xFFFC FFFF
16K Bytes
SPI1
Serial Peripheral Interface 1
0xFFFE 4000
0xFFFE 7FFF
0xFFF7 FFFF
0xFFFD 8000
0xFFFD BFFF
ADC0
Analog-to-Digital Converter 0
16K Bytes
USART2
Universal Synchronous Asynchronous
Receiver Transmitter 1
0xFFFC 8000
0xFFFC BFFF
0xFFFC C000
0xFFFB FFFF
Reserved
0xFFFB C000
0xFFFB BFFF
0xFFFD C000
ADC1
Analog-to-Digital Converter 1
16K Bytes
PWMC
16K Bytes
0xFFFA C000
0xFFFA FFFF
MCI
Multimedia Card Interface
0xFFFB 0000
0xFFFB 3FFF
UDP
USB Device Port
16K Bytes
16K Bytes
PWM Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com