Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPR26L128A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPR26L128A
Description  128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR26L128A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPR26L128A Datasheet HTML 8Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 9Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 10Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 11Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 12Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 13Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 14Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 15Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 16Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
GPR26L128A
© Generalplus Technology Inc.
Proprietary & Confidential
13
Aug. 13, 2009
Version: 1.3
SB
Figure8. Serial Input Timing
SB
HOLDB
Figure9. Hold Timing
SB
Figure10. Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com