Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPR26L128A Datasheet(PDF) 1 Page - Generalplus Technology Inc.

Part # GPR26L128A
Description  128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR26L128A Datasheet(HTML) 1 Page - Generalplus Technology Inc.

  GPR26L128A Datasheet HTML 1Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 2Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 3Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 4Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 5Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 6Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 7Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 8Page - Generalplus Technology Inc. GPR26L128A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GENERALPLUS TECHNOLOGY INC. reserves the right to change this documentation without prior notice. Information provided by GENERALPLUS
TECHNOLOGY INC. is believed to be accurate and reliable. However, GENERALPLUS TECHNOLOGY INC. makes no warranty for any errors which may
appear in this document. Contact GENERALPLUS TECHNOLOGY INC. to obtain the latest version of device specifications before placing your order. No
responsibility is assumed by GENERALPLUS TECHNOLOGY INC. for any infringement of patent or other rights of third parties which may result from its use.
G
GP
PR
R2
26
6L
L1
12
28
8A
A
128M-BIT Low Voltage, Serial Mask ROM
Memory with 50MHz SPI Bus Interface
AUG. 13, 2009
Version 1.3
In addition, GENERALPLUS products are not authorized for use as critical components in life support devices/systems or aviation devices/systems, where a
malfunction or failure of the product may reasonably be expected to result in significant injury to the user, without the express written approval of Generalplus.


Similar Part No. - GPR26L128A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
GPR26L160A-NnnV-C GENERALPLUS-GPR26L160A-NnnV-C Datasheet
256Kb / 16P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results

Similar Description - GPR26L128A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
MX23L3254 MCNIX-MX23L3254 Datasheet
208Kb / 18P
32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
MX23L6454 MCNIX-MX23L6454 Datasheet
208Kb / 18P
64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
MX23L12854 MCNIX-MX23L12854 Datasheet
203Kb / 18P
128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com