Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524EEVB Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC4524EEVB
Description  28V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524EEVB Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC4524EEVB Datasheet HTML 15Page - Semtech Corporation SC4524EEVB Datasheet HTML 16Page - Semtech Corporation SC4524EEVB Datasheet HTML 17Page - Semtech Corporation SC4524EEVB Datasheet HTML 18Page - Semtech Corporation SC4524EEVB Datasheet HTML 19Page - Semtech Corporation SC4524EEVB Datasheet HTML 20Page - Semtech Corporation SC4524EEVB Datasheet HTML 21Page - Semtech Corporation SC4524EEVB Datasheet HTML 22Page - Semtech Corporation SC4524EEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
SC4524E
22
Land Pattern - SOIC-8 EDP
THIS LAND PATTERN IS FO R REFERENCE PURPO SES O NLY.
CO NSULT YO UR M ANUFACTURING G RO UP TO ENSURE YO UR
CO M PANY'S M ANUFACTURING G UIDELINES ARE M ET.
NO TES:
1.
REFERENCE IPC-SM -782A, RLP NO . 300A.
2.
3.
THERM AL VIAS IN THE LAND PATTERN O F THE EXPO SED PAD
SHALL BE CO NNECTED TO A SYSTEM G RO UND PLANE.
FAILURE TO DO SO M AY CO M PRO M ISE THE THERM AL AND/O R
FUNCTIO NAL PERFO RM ANCE O F THE DEVICE.
E
Z
(C)
G
P
Ø 0.36m m
THERM AL VIA
X
Y
SOLDER M ASK
(5.20)
C
(.205)
X
Y
Z
F
G
P
D
E
.024
.087
.291
.101
.118
.050
.201
.134
0.60
2.20
7.40
2.56
3.00
1.27
5.10
3.40
M ILLIM ETERS
INCHES
DIM
D IM EN SION S
D
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com