Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AW32809CSR Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW32809CSR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32809CSR Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW32809CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AW32801/AW32805/
AW32809/AW32812
Feb. 2018 V1.1
www.awinic.com.cn
4
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL APPLICATION CIRCUITS
OUT
OVLO
IN
GND
CIN
0.1µF
50V
COUT
1µF
Battery
USB
Port
AW32801
AW32805
AW32809
AW32812
Charger
ACOK
TVS
Controller
PMIC
EN
Figure 4 AW328XX Application Circuit
(Using default OVP threshold by connecting OVLO to ground)
OUT
OVLO
IN
GND
CIN
0.1µF
50V
R1
R2
COUT
1µF
Battery
USB
Port
AW32801
AW32805
AW32809
AW32812
Charger
ACOK
TVS
Controller
PMIC
EN
Figure 5 AW328XX Application Circuit
(Using external OVP threshold by connecting OVLO to R1 and R2)
Notice for Typical Application Circuits:
1.
When the default OVP threshold is used, connect OVLO pin to GND directly or through a 0
Ω resistor.
OVLO pin cannot be left floating.
2.
If R1 and R2 are used to adjust the OVP threshold, in order to speed up the OVP response, R1 + R2 <
100k
Ω is recommended. It is better to use 1% precision resistors to improve the OVP threshold precision.
3.
If
ACOK is not used, it can be left floating, or short to GND.
4.
CIN = 0.1
μF is recommended for typical application, larger CIN is also acceptable. The rated voltage of CIN
should be larger than the TVS maximum clamping voltage, if no TVS is applied and only AW328XX is
used, the rated voltage of CIN should be 50V.
5.
COUT = 1
μF is recommended for typical application, larger COUT is also acceptable. The rated voltage of
COUT should be larger than the OVP threshold. For example, if the OVP threshold is 6.8V, the rated
voltage of COUT should be 10V or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com