Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AW32809CSR Datasheet(PDF) 1 Page - Shanghai awinic technology co.,ltd

Part # AW32809CSR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32809CSR Datasheet(HTML) 1 Page - Shanghai awinic technology co.,ltd

  AW32809CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AW32801/AW32805/
AW32809/AW32812
Feb. 2018 V1.1
www.awinic.com.cn
1
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Over-Voltage Protection Load Switch with Surge Protection
FEATURES
Surge protection
IEC 61000-4-5: > 100V
Integrated low Rdson nFET switch: typical 28m
Ω
4.5A continuous current capability
Default Over-Voltage Protection (OVP) threshold
AW32801: 5.95V
AW32805: 6.8V
AW32809: 9.98V
AW32812: 14V
OVP threshold adjustable range: 4V to 20V
Input system ESD protection
IEC 61000-4-2 Contact discharge: ±8kV
IEC 61000-4-2 Air gap discharge: ±15kV
Input maximum voltage rating: 29VDC
Fast turn-off response: typical 125ns
Over-Temperature Protection (OTP)
Under-Voltage Lockout (UVLO)
1.34mm × 1.78mm WLCSP-12 package
APPLICATIONS
Smartphones
Tablets
5V to 20V Charging Ports
GENERAL DESCRIPTION
The AW328xx family OVP load switch features
surge protection, an internal clamp circuit protects
the device from surge voltages up to 100V.
The AW328xx features an ultra-low 28m
 (typ.)
Rdson nFET load switch. When input voltage
exceeds the OVP threshold, the switch is turned off
very fast to prevent damage to the protected
downstream devices. The IN pin is capable of
withstanding fault voltages up to 29VDC.
The default OVP threshold is 5.95V (AW32801),
6.8V (AW32805), 9.98V (AW32809) and 14V
(AW32812), the OVP threshold can be adjusted
from 4V to 20V through external OVLO pin.
The device features an open-drain output
ACOK,
when
VIN_UVLO < VIN < VIN_OVLO and the switch is
on,
ACOK will be driven low to indicate a good
power input, otherwise it is high impedance.
This device features over-temperature protection
that prevents itself from thermal damaging.
The AW328xx is available in a RoHS compliant
12-bump 1.34mm × 1.78mm WLCSP.
TYPICAL APPLICATION CIRCUIT
OUT
OVLO
IN
GND
CIN
0.1µF
50V
R1
R2
COUT
1µF
Battery
USB
Port
AW32801
AW32805
AW32809
AW32812
Charger
ACOK
TVS
Controller
PMIC
Optional
EN
Figure 1
Typical Application Circuit of AW328XX
Note: R1 and R2 are used for OVP threshold adjustment, to use default OVP threshold, connect OVLO to ground.
All trademarks are the property of their respective owners.


Similar Part No. - AW32809CSR

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AW3200 SEOUL-AW3200 Datasheet
673Kb / 22P
compliantFeaturesApplications?ъ쭊Acriche series
AW3200 SEOUL-AW3200 Datasheet
595Kb / 19P
Acriche series
AW3200 SEOUL-AW3200 Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AW3201 SEOUL-AW3201 Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Shanghai awinic technol...
AW3206 AWINIC-AW3206 Datasheet
1Mb / 14P
LIthIum-IonIzed P-MOSFET LIthIum Battery Charge
More results

Similar Description - AW32809CSR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
Over-Voltage Protection Load Switch
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
logo
Shanghai Leiditech Elec...
OVPXXS120 LEIDITECH-OVPXXS120 Datasheet
1Mb / 20P
Ovre-Voltage Protection Load Switch with Surge Protection
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
logo
Kinetic Technologies.
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com