Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN91C96ITQFP Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN91C96ITQFP
Description  NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96ITQFP Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN91C96ITQFP Datasheet HTML 17Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 18Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 19Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 20Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 21Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 22Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 23Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 24Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
SMSC DS – LAN91C96I
Page 21
Rev. 11/18/2004
DATASHEET
If the system to SRAM bandwidth is insufficient the LAN91C96I will automatically use its IOCHRDY line for
flow control. However, for Local Bus, IOCHRDY will never be negated.
The LAN91C96I consists of an integrated Ethernet controller mapped entirely in I/O space.
The Ethernet controller function includes a built-in 6kbyte RAM for packet storage. This RAM buffer is
accessed by the CPU through sequential access regions of 256 bytes each. The RAM access is internally
arbitrated by the LAN91C96I, and dynamically allocated between transmit and receive packets. Each packet
may consist of one or more 256 byte page. The Ethernet controller functionality is identical to the LAN91C94
and LAN91C95 except where indicated otherwise.
The LAN91C96I Memory Management Unit parameters are:
RAM size
6kbytes
Max. number of pages
24
Max. number of
packets
24 (FIFOs have 24
entries of 5 bits)
Max. pages per packet
6
Page Size
256 bytes
5.1
Buffer Memory
The logical addresses for RAM access are divided into TX area and RX area.
The TX area is seen by the CPU as a window through which packets can be loaded into memory before
queuing them in the TX FIFO of packets. The TX area can also be used to examine the transmit
completion status after packet transmission.
The RX area is associated to the output of the RX FIFO of packets, and is used to access receive packet
data and status information.
The logical address is specified by loading the address pointer register. The pointer can automatically
increment on accesses.
All accesses to the RAM are done via I/O space.
A bit in the address pointer also specifies if the address refers to the TX or RX area.
In the TX area, the host CPU has access to the next transmit packet being prepared for transmission. In
the RX area, it has access to the first receive packet not processed by the CPU yet.
The FIFO of packets, existing beneath the TX and RX areas, is managed by the MMU. The MMU
dynamically allocates and releases memory to be used by the transmit and receive functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com