Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN91C96ITQFP Datasheet(PDF) 42 Page - SMSC Corporation

Part # LAN91C96ITQFP
Description  NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96ITQFP Datasheet(HTML) 42 Page - SMSC Corporation

Back Button LAN91C96ITQFP Datasheet HTML 38Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 39Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 40Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 41Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 42Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 43Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 44Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 45Page - SMSC Corporation LAN91C96ITQFP Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
Rev. 11/18/2004
Page 42
SMSC DS – LAN91C96I
DATASHEET
The contents of MIR as well as the low byte of MCR are specified in 256* M bytes. The multiplier M is
determined by bits 11, 10 and 9 as follows:
DEVICE
BIT 11
BIT 10
BIT 9
M
MAX MEMORY SIZE
FEAST
0
1
0
2
256 (Note 7.1) 256
(Note 7.1)
2=128k
LAN91C90
0
0
1
1
256 (Note 7.1) 256
(Note 7.1)
1=64k
FUTURE
0
1
1
4
256k
FUTURE
1
0
0
8
512k
FUTURE
1
0
1
16
1M
Note 7.1 Bits 11, 10 and 9 are read only bits used by the software driver to transparently run on different controllers
of the LAN9000 family.
I/O SPACE - BANK1
OFFSET
NAME
TYPE
SYMBOL
0
CONFIGURATION REGISTER
READ/WRITE
CR
The Configuration Register holds bits that define the device configuration and are not expected to change
during run-time. This register is part of the EEPROM saved setup in Local Bus mode only.
0
NO
WAIT
FULL
STEP
SET
SQLCH
AUI
SELECT
0
X
X
0
X
0
0
0
16BIT
DIS LINK
Reserved
INT
SEL1
INT
SEL0
function
of EN16*
pin
0
1
1
0
0
0
X
NO WAIT - When set, does not request additional wait states. An exception to this are accesses to the
Data Register if not ready for a transfer. When clear, negates IOCHRDY for two to three 20MHz clocks on
any cycle to the LAN91C96I.
FULL STEP - This bit is used to select the signaling mode for the AUI port. When set the AUI port uses full
step signaling. Defaults low to half step signaling. This bit is only meaningful when AUI SELECT is high.
SET SQLCH - When set, the squelch level used for the 10BASE-T receive signal is 240mV. When clear
the receive squelch level is 400mV. Defaults low.
AUI SELECT - When set the AUI interface is used, when clear the 10BASE-T interface is used. Defaults
low.
16BIT - Used in conjunction with EN16* and IO is 8 to define the width of the system bus. If the EN16* pin
is low, this bit is forced high. Otherwise the bit defaults low and can be programmed by the host CPU.
DIS LINK - This bit is used to disable the 10BASE-T link test functions. When this bit is high the
LAN91C96I disables link test functions by not generating nor monitoring the network for link pulses. In this
mode the LAN91C96I will transmit packets regardless of the link test, the EPHSR LINK_OK bit will be set
and the LINK LED will stay on. When low the link test functions are enabled. If the link status indicates
FAIL, the EPHSR LINK_OK bit will be low, while transmit packets enqueued will be processed by the
LAN91C96I, transmit data will not be sent out to the cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com