Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16C554B Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC16C554B
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554B Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC16C554B Datasheet HTML 35Page - NXP Semiconductors SC16C554B Datasheet HTML 36Page - NXP Semiconductors SC16C554B Datasheet HTML 37Page - NXP Semiconductors SC16C554B Datasheet HTML 38Page - NXP Semiconductors SC16C554B Datasheet HTML 39Page - NXP Semiconductors SC16C554B Datasheet HTML 40Page - NXP Semiconductors SC16C554B Datasheet HTML 41Page - NXP Semiconductors SC16C554B Datasheet HTML 42Page - NXP Semiconductors SC16C554B Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
39 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Fig 17. General read timing in 16 mode
data
active
active
valid
address
002aaa172
A0 to A2
CS
IOR
D0 to D7
t12d
t12h
t7d
t7w
t9d
t6h
t7h
t6s
Fig 18. Modem input/output timing
t17d
change of state
t18d
t18d
t19d
002aaa352
t18d
change of state
change of state
change of state
active
active
active
active
active
active
active
change of state
RTS
DTR
IOW
CD
CTS
DSR
INT
IOR
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com