Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16C554B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C554B
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C554B Datasheet HTML 17Page - NXP Semiconductors SC16C554B Datasheet HTML 18Page - NXP Semiconductors SC16C554B Datasheet HTML 19Page - NXP Semiconductors SC16C554B Datasheet HTML 20Page - NXP Semiconductors SC16C554B Datasheet HTML 21Page - NXP Semiconductors SC16C554B Datasheet HTML 22Page - NXP Semiconductors SC16C554B Datasheet HTML 23Page - NXP Semiconductors SC16C554B Datasheet HTML 24Page - NXP Semiconductors SC16C554B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
21 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Fig 12. Internal loop-back mode diagram (16 mode)
CTSA to CTSD
TRANSMIT
FIFO
REGISTERS
TXA to TXD
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
RXA to RXD
SC16C554B/554DB
TRANSMIT
SHIFT
REGISTER
XTAL2
XTAL1
002aaa883
FLOW
CONTROL
LOGIC
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
INTERRUPT
CONTROL
LOGIC
D0 to D7
IOR
IOW
RESET
A0 to A2
CSA to CSD
INTA to INTD
TXRDY
RXRDY
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
RTSA to RTSD
DSRA to DSRD
DTRA to DTRD
RIA to RID
OP1A to OP1D
CDA to CDD
OP2A to OP2D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com