Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD5F2GQ4RFZIH Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4RFZIH
Description  SPI(x1/x2/x4) NAND Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RFZIH Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4RFZIH Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
SPI(x1/x2/x4) NAND Flash
2G
39
18 DC CHARACTERISTIC
(T= -40℃~105℃, VCC=1.7~2.0V/2.7~3.6V)
Symbol
Parameter
Test Condition
Min.
Typ
Max.
Unit.
ILI
Input Leakage Current
±2
μA
ILO
Output Leakage Current
±2
μA
ICC1
Standby Current
CS#=VCC,
VIN=VCC or VSS
110 (1)
μA
ICC2
Operating Current (Read)
CLK=0.1VCC /
0.9VCC
at 120MHz,
Q=Open(*1,*2,*4 I/O)
40
mA
CLK=0.1VCC /
0.9VCC
at 80MHz,
Q=Open(*1,*2,*4 I/O)
30
mA
ICC3
Operation Current (PP)
CS#=VCC
40
mA
ICC4
Operation Current (BE)
CS#=VCC
40
mA
VIL
Input Low Voltage
0.2VCC
V
VIH
Input High Voltage
0.7VCC
V
VOL
Output Low Voltage
IOL =1.6mA
0.4
V
VOH
Output High Voltage
IOH =-
100μA
VCC-0.2
V
Note: 1. When Temperature is 105℃, the maximum standby current is 200uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com