Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRF1276DM Datasheet(PDF) 3 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1276DM
Description  LORA Long Range SX1278 Data Radio Modem
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1276DM Datasheet(HTML) 3 Page - Dorji Industrial Group Co.,Ltd

  DRF1276DM Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DRF1276DM
Revision 2.72
May. 2017
3/13
ELECTRICAL SPECIFICATIONS
Symbol
Parameter (condition)
Min.
Typ.
Max.
Units
VCC
Supply Voltage
3.4
5.5
V
Temp
Operating temperature range
-40
25
80
°C
RH
Operating relative humidity
10
90
%
Freq
Frequency range
868
930
MHz
Mod
Modulation type
FS
IR
Receive current in standard mode
Transmit mode @ 20dBm
Sleep mode
15.2
75
3.9
mA
mA
uA
Pout
Maximum output power @860Mhz
@900Mhz
@920Mhz
@930Mhz
19
19
18.5
18.2
20
dBm
Sen
Receiving sensitivity
-138
dBm
DRIN
UART data rate
1.2
9.6
57.6
Kbps
TR
Wireless wake-up time
2
10
s
ZANT
Antenna Impedance
50
Ohm
Table 2: DRF1276DM Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
-0.3
5.5
V
VI
Input voltage
-0.3
3.3
V
VO
Output voltage
-0.3
3.3
V
TST
Storage temperature
-55
125
°C
Table 3:
DRF1276DM Maximum Ratings
WORKING MODE
1. STANDARD MODE
Standard mode is also called transparent mode in which the module receives from or sends
data to the host through serial port (UART) at preset data format and users don’t need to care
about the process of data inside the module. In this mode the EN pin should be set to logic
low in case the module will enter into deep sleep. SET pin doesn’t function in this mode so
users can set it to logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com