Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRF1276DM Datasheet(PDF) 5 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1276DM
Description  LORA Long Range SX1278 Data Radio Modem
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1276DM Datasheet(HTML) 5 Page - Dorji Industrial Group Co.,Ltd

  DRF1276DM Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DRF1276DM
Revision 2.72
May. 2017
5/13
The SET pin is used in central/node mode to switch the communication ways (
express
communication or breath period communication) of node module. When the EN pin and
the SET pin of the node module are set to logic high or floated, the node module will work in
breath period communication way. It wakes up at the interval of breath period and spend the
short time (wake timer parameter) to monitor the wireless signal so the central module needs
to send a long preamble (>breath period) in order to assure the node module to receive the
data successfully.
Figure 3: Node Module in Breath Period Communication
Wake timer parameter is introduced in version 2.7 in order to provide more flexibility in
power consumption in breath period communication. The wake timer refers to the time length
for the node module to detect the wireless signal when the node module wakes up in the
breath period. The shorter time means less power consumption but it needs the central module
to send data at higher RF data rate. In other words shorter wake timer means less power
consumption but shorter distance because of higher RF data rate.
Figure 4: Wake Timer & Breath Period
In order to reduce the complexity of calculating the wake timer with RF data rate, the node
module will choose the suitable RF_BW and RF_factor parameters automatically according to
the wake timer parameter. Therefore the two parameters RF_BW and RF_factor don’t
function in this mode and users only need to set the wake timer parameter according to the
actual applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com