Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM25Q64ASF Datasheet(PDF) 76 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM25Q64ASF
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM25Q64ASF Datasheet(HTML) 76 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM25Q64ASF Datasheet HTML 68Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 69Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 70Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 71Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 72Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 73Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 74Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 75Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 76Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 76 / 76 page
background image
- 75 -
12. REVISION JISTORY
VERSION
DATE
PAGE
DESCRIPTION
A
2015/01/07
New Create Datasheet
B
2016/04/12
Removed “Preliminary”
C
2016/06/03
16
73-76
Updated QE description
Added TFBGA information
D
2016/08/30
4
8
Added data retention
Added TFBGA 5X5
E
2016/10/24
Removed PDIP 8 information
F
2016/11/15
12
Updated Status Register-1 table
G
2016/12/14
4-5, 67, 71-72
Updated XSON package information
H
2017/05/11
20, 73-74
Updated /WP information
Updated HM25Q64A -IM order information
I
2017/11/22
8, 72-75
Added WLCSP package type
J
2018/03/27
12, 13
61,63,64
4, 74-76
Updated OTP Notice and SR1 Figure
Updated ICC3, tPP, tSLCH, tCHSL, tDVCH, tCHDX
Added industrial plus information
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com