Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM25Q64ASF Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM25Q64ASF
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM25Q64ASF Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM25Q64ASF Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM25Q64ASF Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
- 12 -
6.5 Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern, the HM25Q64A
provides several means to protect the data from inadvertent writes.
Write Protect Features
Device resets when VCC is below threshold
Time delay write disable after Power-up
Write enable/disable instructions and automatic write disable after erase or program
Software and Hardware (/WP pin) write protection using Status Registers
Additional Individual Block/Sector Locks for array protection
Write Protection using Power-down instruction
Lock Down write protection for Status Register until the next power-up
One Time Program (OTP) write protection for array and Security Registers using Status Register*
* Note: This feature is available upon special flow. Please contact Winbond for details.
Upon power-up or at power-down, the HM25Q64A will maintain a reset condition while VCC is below the
threshold value of VWI, (See Power-up Timing and Voltage Levels and Figure 43). While reset, all operations
are disabled and no instructions are recognized. During power-up and after the VCC voltage exceeds VWI,
all program and erase related instructions are further disabled for a time delay of tPUW. This includes the
Write Enable, Page Program, Sector Erase, Block Erase, Chip Erase and the Write Status Register
instructions. Note that the chip select pin (/CS) must track the VCC supply level at power-up until the VCC-
min level and tVSL time delay is reached, and it must also track the VCC supply level at power-down to
prevent adverse command sequence. If needed a pull-up resister on /CS can be used to accomplish this.
After power-up the device is automatically placed in a write-disabled state with the Status Register Write
Enable Latch (WEL) set to a 0. A Write Enable instruction must be issued before a Page Program, Sector
Erase, Block Erase, Chip Erase or Write Status Register instruction will be accepted. After completing a
program, erase or write instruction the Write Enable Latch (WEL) is automatically cleared to a write-disabled
state of 0.
Software controlled write protection is facilitated using the Write Status Register instruction and setting the
Status Register Protect (SRP, SRL) and Block Protect (CMP, TB, BP[3:0]) bits. These settings allow a
portion or the entire memory array to be configured as read only. Used in conjunction with the Write Protect
(/WP) pin, changes to the Status Register can be enabled or disabled under hardware control. See Status
Register section for further information. Additionally, the Power-down instruction offers an extra level of write
protection as all instructions are ignored except for the Release Power-down instruction.
The HM25Q64A also provides another Write Protect method using the Individual Block Locks. Each 64KB
block (except the top and bottom blocks, total of 126 blocks) and each 4KB sector within the top/bottom
blocks (total of 32 sectors) are equipped with an Individual Block Lock bit. When the lock bit is 0, the
corresponding sector or block can be erased or programmed; when the lock bit is set to 1, Erase or Program
commands issued to the corresponding sector or block will be ignored. When the device is powered on, all
Individual Block Lock bits will be 1, so the entire memory array is protected from Erase/Program. An
“Individual Block Unlock (39h)” instruction must be issued to unlock any specific sector or block.
The WPS bit in Status Register-3 is used to decide which Write Protect scheme should be used. When
WPS=0 (factory default), the device will only utilize CMP, SEC, TB, BP[2:0] bits to protect specific areas of
the array; when WPS=1, the device will utilize the Individual Block Locks for write protection.
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com