Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D32ASIPT Datasheet(PDF) 63 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32ASIPT Datasheet(HTML) 63 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32ASIPT Datasheet HTML 59Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 60Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 61Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 62Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 63Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 64Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 65Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 66Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 67Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
63
Figure 7.41 Read Manufacturer/Device ID Dual I/O Instruction
Note:
1. The "Continuous Read Mode" bits M7-0 must be set to Fxh to be compatible with Fast Read Dual I/O instruction
.
7.5.15 Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer / Device ID Quad I/O instruction is an alternative to Read Manufacturer / Device
ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID at 4 x
speeds.
The Read Manufacturer / Device ID Quad I/O instruction is similar to the Fast Read Quad I/O instruction.
The instruction is initiated by driving the CS# pin low and shifting the instruction code "94h" followed by a
24-bit address(A23-A0) of 000000h, 8-bit Continuous Read Mode Bits and then four clock dummy cycles, with
the capability to input the Address bits four bits per clock. After that, the Manufacturer ID and the Device ID
are shifted out four bits per clock on the falling edge of CLK with most significant bit (MSB) first as shown in
Figure 7.42. The Device ID values for
HM25Q128A are listed in Manufacturer and Device Identification table.
The Manufacturer and Device IDs can be read continuously, alternating from one to the other. The instruction
is completed by driving CS# high.
Figure 7.42 Read Manufacturer/Device ID Quad I/O Instruction
Note:
1. The "Continuous Read Mode" bits M7-0 must be set to Fxh to be compatible with Fast Read Quad I/O
instruction.
7.5.16 Read Unique ID Number (4Bh)
The Read Unique ID Number instruction accesses a factory-set read-only 64-bit number which is unique
to each
HM25Q128A
device. The ID number can be used in conjunction with user software methods to help
prevent copying or cloning of a system. The Read Unique ID instruction is initiated by driving the CS# pin low
and shifting the instruction code "4Bh" followed by four bytes dummy clocks. After that, the 64-bit ID is shifted
out on the falling edge of CLK as shown in Figure 7.43.
Figure 7.43 Read unique ID Number Instruction
7.5.17 Set Read Parameters (C0h)
In QPI mode, to accommodate a wide range of applications with different needs for either maximum read
frequency or minimum data access latency, “Set Read Parameters (C0h)” instruction can be used to configure
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com