Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D32ASIPT Datasheet(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32ASIPT Datasheet(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32ASIPT Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
11
4.5. Write Protect (WP#) / IO2
The Write Protect (WP#) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP0, BP1 and BP2, TB, SEC, CMP) bits and Status
Register Protect (SRP0) bits, a portion or the entire memory array can be hardware protected.
The WP# function is not available when the Quad mode is enabled. The WP# function is replaced by IO2
for input and output during Quad mode for receiving addresses and data to be programmed (values are
latched on rising edge of the CLK signal) as well as shifting out data (on the falling edge of CLK).
4.6. HOLD (HOLD#) / IO3
The HOLD# pin allows the device to be paused while it is actively selected. When HRSW bit is ‘0’ (factory
default is ‘0’), the HOLD# pin is enabled. When HOLD# is brought low, while CS# is low, the DO pin will be at
high impedance and signals on the DI and CLK pins will be ignored (don’t care). When HOLD# is brought high,
device operation can resume. The HOLD# function can be useful when multiple devices are sharing the same
SPI signals. The HOLD# pin is active low. When the QE bit of Status Register-2 is set for Quad I/O, the
HOLD# pin function is not available since this pin is used for IO3.
4.7. RESET (RESET#) / IO3
The RESET# pin allows the device to be reset by the controller. When HRSW bit is ‘1’ (factory default is
‘0’), the RESET# pin is enabled. Drive RESET# low for a minimum period of ~1us (tRESET*) will interrupt any
on-going external/internal operations, regardless the status of other SPI signals (CS#, CLK, DI, DO, WP#
and/or HOLD#). The Hardware Reset function is only available for standard SPI and Dual SPI operation,
when QE=0, the IO3 pin can be configured either as a HOLD# pin or as a RESET# pin depending on Status
Register setting, when QE=1, this pin is the Serial Data IO (IO3) for Quad I/O operation.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com