Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D16ASIPT Datasheet(PDF) 47 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D16ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D16ASIPT Datasheet(HTML) 47 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D16ASIPT Datasheet HTML 43Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 44Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 45Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 46Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 47Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 48Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 49Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 50Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 51Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
47
24-bit address (A23-A0) into the DI pin. The code and address bits are latched on the rising edge of the CLK
pin. After the address is received, the data byte of the addressed memory location will be shifted out on the
DO pin at the falling edge of CLK with most significant bit (MSB) first. The address is automatically
incremented to the next higher address after each byte of data is shifted out allowing for a continuous stream
of data. This means that the entire memory can be accessed with a single instruction as long as the clock
continues. The instruction is completed by driving CS# high.
The Read Data instruction sequence is shown in Figure 7.13. If a Read Data instruction is issued while
an Erase, Program or Write cycle is in process (BUSY=1) the instruction is ignored and will not have any
effects on the current cycle. The Read Data instruction allows clock rates from D.C. to a maximum of fR (see
AC Electrical Characteristics).
Figure 7.13 Read Data Instruction
7.3.2 Fast Read (0Bh)
The Fast Read instruction is similar to the Read Data instruction except that it can operate at the highest
possible frequency of FR (see AC Electrical Characteristics). This is accomplished by adding eight “dummy”
clocks after the 24-bit address as shown in Figure 7.14. The dummy clocks allow the devices internal circuits
additional time for setting up the initial address. During the dummy clocks the data value on the DI pin is a
“don’t care”.
Figure 7.14a Fast Read Instruction (SPI Mode)
Fast Read (0Bh) in QPI Mode
The Fast Read instruction is also supported in QPI mode. When QPI mode is enabled, the number of
dummy clocks is configured by the “Set Read Parameters (C0h)” instruction to accommodate a wide range of
applications with different needs for either maximum Fast Read frequency or minimum data access latency.
Depending on the Read Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as
either 2, 4, 6 or 8. The default number of dummy clocks upon power up or after a Reset instruction is 2.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com