Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D16ASIPT Datasheet(PDF) 62 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D16ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D16ASIPT Datasheet(HTML) 62 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D16ASIPT Datasheet HTML 58Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 59Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 60Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 61Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 62Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 63Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 64Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 65Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 66Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
62
Figure 7.39 Global Block Lock Instruction(SPI or QPI Mode)
7.5.13 Global Block/Sector Unlock (98h)
All Block/Sector Lock bits can be set to 0 by the Global Block/Sector Unlock instruction. The command
must be issued by driving CS# low, shifting the instruction code “98h” into the Data Input (DI) pin on the rising
edge of CLK, and then driving CS# high. A Write Enable instruction must be executed before the device will
accept the Global Block/Sector Unlock Instruction (Status Register bit WEL= 1).
Figure 7.40 Global Block Lock Instruction(SPI or QPI Mode)
7.5.14 Read Manufacturer / Device ID Dual I/O (92h)
The Read Manufacturer / Device ID Dual I/O instruction is an alternative to the Read Manufacturer /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID at 2x
speed.
The Read Manufacturer / Device ID Dual I/O instruction is similar to the Fast Read Dual I/O instruction.
The instruction is initiated by driving the CS# pin low and shifting the instruction code “92h” followed by a
24-bit address (A23-A0) of 000000h, but with the capability to input the Address bits two bits per clock. After
which, the Manufacturer ID and the Device ID are shifted out 2 bits per clock on the falling edge of CLK with
most significant bits (MSB) first as shown in Figure 7.41. The Device ID values for the ZB25VQ128 are listed
in Manufacturer and Device Identification table. The Manufacturer and Device IDs can be read continuously,
alternating from one to the other. The instruction is completed by driving CS# high.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com