Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25S32CSIPT Datasheet(PDF) 55 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S32CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S32CSIPT Datasheet(HTML) 55 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S32CSIPT Datasheet HTML 51Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 52Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 53Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 54Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 55Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 56Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 57Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 58Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 59Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
55
7.4.2 Software Reset (99h)
The Reset (99h) command immediately following a Reset Enable (66h) command, initiates the software
reset process. Any command other than Reset (99h) following the Reset Enable (66h) command, will clear the
reset enable condition and prevent a later Reset (99h) command from being recognized.
7.5 ID and Security Commands
7.5.1 Deep Power-down (DP) (B9h)
Although the standby current during normal operation is relatively low, standby current can be further
reduced with the Power-down instruction. The lower power consumption makes the Power- down instruction
especially useful for battery powered applications (See ICC1 and ICC2 in AC Characteristics). The instruction
is initiated by driving the CS# pin low and shifting the instruction code “B9h” as shown in Figure 7.27.
The CS# pin must be driven high after the eighth bit has been latched. If this is not done, the Power-
down instruction will not be executed. After CS# is driven high, the power-down state will enter within the time
duration of tDP (See AC Characteristics). While in the power-down state only the Release from Power-down /
Device ID instruction, which restores the device to normal operation, will be recognized. All other instructions
are ignored. This includes the Read Status Register instruction, which is always available during normal
operation. Ignoring all but one instruction makes the Power Down state a useful condition for securing
maximum write protection. The device always powers-up in the normal operation with the standby current of
ICC1.
Figure 7.27 Deep Power-down Instruction(SPI and QPI Mode)
7.5.2 Release Power-down / Device ID (ABh)
The Release from Power-down / Device ID instruction is a multi-purpose instruction. It can be used to
release the device from the power-down state, obtain the devices electronic identification (ID) number or both.
To release the device from the power-down state, the instruction is issued by driving the CS# pin low,
shifting the instruction code “ABh” and driving CS# high as shown in Figure 7.28. After the time duration of
tRES1 (See AC Characteristics) the device will resume normal operation and other instructions will be accepted.
The CS# pin must remain high during the tRES1 time duration.
When used only to obtain the Device ID during the non-power-down state, the instruction is initiated by
driving the CS# pin low and shifting the instruction code “ABh” followed by 3-dummy bytes. The Device ID bits
will then be shifted out on the falling edge of CLK with most significant bit (MSB) first as shown in Figure 7.29.
The Device ID value for the
HM25Q128A is listed in Manufacturer and Device Identification table. The Device
ID can be read continuously. The instruction is completed by driving CS# high.
When used to release the device from the power-down state and obtain the Device ID, the instruction is
the same as previously described, and shown in Figure 7.29, except that after CS# is driven high it must
remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the device will
resume normal operation and other instructions will be accepted. If the Release from Power-down / Device ID
instruction is issued within Erase, Program or Write cycle (when BUSY equals 1), the instruction is ignored
and will not have any effects on the current cycle.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com