Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25S32CSIPT Datasheet(PDF) 69 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S32CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S32CSIPT Datasheet(HTML) 69 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S32CSIPT Datasheet HTML 65Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 66Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 67Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 68Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 69Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 70Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 71Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 72Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32CSIPT Datasheet HTML 73Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
69
8.5. AC Electrical Characteristics
Table 8.6 AC Electrical Characteristics
SYMBOL
ALT
Parameter
SPEC
UNIT
MIN
TYP
MAX
FR
fC
Clock frequency for all QPI/Quad IO instructions with
HFQ, Vcc=2.7V-3.6V
D.C.
104
MHz
FR
fC
Clock frequency for all SPI instructions (except 03h/EBh)
Vcc=2.7V-3.6V
D.C.
104
MHz
FR
fC
Clock frequency for all SPI instructions (except 03h/EBh)
Vcc=2.3V-2.7V(1)
D.C.
80
MHz
fR
Clock frequency for Read Data instruction (03h)
D.C.
60
MHz
tCLH, tCLL(2)
Clock High, Low Time for all instructions except Read
Data (03h)
4
ns
tCRLH, tCRLL(2)
Clock High, Low Time for Read Data (03h) instruction
6
ns
tCLCH(3)
Clock Rise Time peak to peak
0.1
V/ns
tCHCL(3)
Clock Fall Time peak to peak
0.1
V/ns
tSLCH
tCSS
CS# Active Setup Time relative to CLK
5
ns
tCHSL
CS# Not Active Hold Time relative to CLK
5
ns
tDVCH
tDSU
Data In Setup Time
2
ns
tCHDX
tDH
Data In Hold Time
5
ns
tCHSH
CS# Active Hold Time relative to CLK
5
ns
tSHCH
CS# Not Active Setup Time relative to CLK
5
ns
tSHSL1
tCSH1
CS# Deselect Time SPI (Array ReadArray Read)
10
ns
tSHSL2
tCSH2
CS# Deselect Time for Erase/ProgramRead SR
Volatile Status Register Write Time
50
ns
tSHSL3
tCSH3
CS# Deselect Time for non Array Read→Array
Read(Dual IO, Quad IO and QPI Read)
100
ns
tSHQZ(3)
tDIS
Output Disable Time
7
ns
tCLQV
tV
Clock Low to Output Valid 2.7V- 3.6V
7
ns
tCLQV
tV
Clock Low to Output Valid 2.3V- 2.7V
9
ns
tCLQX
tHO
Output Hold Time
2
ns
tHLCH
HOLD# Active Setup Time relative to CLK
5
ns
tCHHH
HOLD# Active Hold Time relative to CLK
5
ns
tHHCH
HOLD# Not Active Setup Time relative to CLK
5
ns
tCHHL
HOLD# Not Active Hold Time relative to CLK
5
ns
tHHQX
tLZ(3)
HOLD# to Output Low-Z
7
ns
tHLQZ
tHZ(3)
HOLD# to Output High-Z
12
ns
tWHSL(4)
Write Protect Setup Time Before CS# Low
20
ns
tSHWL(4)
Write Protect Hold Time After CS# High
100
ns
tDP(3)
CS# High to Power-down Mode
3
μs
tRES1(3)
CS# High to Standby Mode without Electronic Signature
Read
8
μs
tRES2(3)
CS# High to Standby Mode with Electronic Signature
Read
6
μs
tsus(3)
CS# High to next Command after Suspend
20
μs
tW
Write Status Register Time
10
100
ms
tPP
Page Program Time
0.5
1.5
ms
tSE
Sector Erase Time (4KB)
35
200
ms
tBE1
Block Erase Time (32KB)
0.15
0.8
s
tBE2
Block Erase Time (64KB)
0.25
2
s
tCE
Chip Erase Time
50
200
s
tRCH(3)
End of Reset Instruction to CE# High
40
ns
tRST(3)(5)
CE# High to next Instruction after Reset
10
μs
Notes:
(1)With HFQ, the clock frequency of all SPI instructions(except 03h/EBh) can reach 104MHz.
(2)Clock high + Clock low must be less than or equal to 1/fC.
(3)Value guaranteed by design and/or characterization, not 100% tested in production.
(4)Only applicable as a constraint for a Write Status Register instruction when Sector Protect Bit is set to 1.4. For multiple
bytes after first byte within a page, tBPN = tBP1 + tBP2 * N (typical) and tBPN = tBP1 + tBP2 * N (max), where N = number of bytes
programmed.
(5)It’s possible to reset the device with shorter tRESET (as short as a few hundred ns), a 1us minimum is recommended to
ensure reliable operation.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com