Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25S512MDBES Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDBES
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDBES Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25S512MDBES Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
4
1. FEATURES
◆
2 x 256M-bit Serial Flash
◆
Fast Program/Erase Speed
- 2 x 32M-Byte
- Page Program time: 0.4ms typical
- 256-Byte per programmable page
- Sector Erase time: 70ms typical
- Block Erase time: 0.16/0.22s typical
◆
Standard, Dual, Quad SPI
- Chip Erase time: 70s typical (single die)
- Standard SPI: SCLK, CS#, SI, SO, RESET#
- Dual SPI: SCLK, CS#, IO0, IO1, RESET#
◆
Flexible Architecture
- Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
- Uniform Sectors of 4K-Byte
- 3- or 4-Byte Addressing Mode
- Uniform Blocks of 32/64K-Byte
◆
High Speed Clock Frequency
◆
Low Power Consumption
- Maximum 104MHz for fast read on 3.0 - 3.6V power supply
- 2uA typical deep power down current
◆
Dual I/O Data transfer up to 208Mbits/s
- 24uA typical standby current
◆
Quad I/O Data transfer up to 416Mbits/s
- Maximum 80MHz for fast read on 2.7 - 3.6V power supply
◆
Advanced Security Features
◆
Dual I/O Data transfer up to 160Mbits/s
- 6x2048-Byte Security Registers With OTP Locks
◆
Quad I/O Data transfer up to 320Mbits/s
- 128-bit Unique ID
- Serial Flash Discoverable parameters (SFDP) register
◆
Software Write Protection
- Write protect all/portion of memory via software
◆
Single Power Supply Voltage
- Top/Bottom Block protection
- Full voltage range: 2.7 - 3.6V
◆
Flexible “Concurrent Operation”
◆
Cycling Endurance and Data Retention
- Independent single die access
- Minimum 100,000 Program/Erase Cycles
-
Allows “Read while Program/Erase”
- 20-year data retention typical
-
Allows “Multi Die Program/Erase”
- Improves Program/Erase throughput
◆
Package Information
- Reduces Suspend/Resume activities
- SOP16 (300mil)
- WSON8 (8x6mm)
- TFBGA-24 (5x5 ball array)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com