Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25S512MDBES Datasheet(PDF) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDBES
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDBES Datasheet(HTML) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDBES Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDBES Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
7
Serial MCP Device Configuration
Figure 2 GD25S512MD Device configuration
Die 1#
Die 0#
GD25B256D
GD25S512MD
GD25B256D
CS#
SCLK
RESET#
(1)
IO0
IO1
IO2
IO3
Note: 1. RESET# pin is available on SOP16 and TFBGA packages
All signal pins are shared by the stacked dies
within the package. Each die is assigned a “Die ID#” in the factory. Only
a single die is active at any given time, and have the control of SPI bus to communicate with the external SPI controller.
However, all the dies will accept two instructions regardle
ss their Active or Idle status: a) “Software Die Select (C2H)”
instruction: it is used to set any single die to be active according to the 8-
bit Die ID following the instruction. b) “Software
Reset (66H+99H)” instruction: it is used to reset all the stacked dies to the power-up state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com