Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBJ10 Datasheet(PDF) 2 Page - CUI INC

Part # PYBJ10
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBJ10 Datasheet(HTML) 2 Page - CUI INC

  PYBJ10 Datasheet HTML 1Page - CUI INC PYBJ10 Datasheet HTML 2Page - CUI INC PYBJ10 Datasheet HTML 3Page - CUI INC PYBJ10 Datasheet HTML 4Page - CUI INC PYBJ10 Datasheet HTML 5Page - CUI INC PYBJ10 Datasheet HTML 6Page - CUI INC PYBJ10 Datasheet HTML 7Page - CUI INC PYBJ10 Datasheet HTML 8Page - CUI INC PYBJ10 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 03/27/2019
│ page 2 of 10
CUI Inc
│ SERIES: PYBJ10 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
9
24
36
Vdc
start-up voltage
9
Vdc
surge voltage
for 1 second max
-0.7
50
Vdc
under voltage shutdown
5.5
6.5
Vdc
current
5 Vdc output models
12 Vdc output models
15 Vdc output models
508
490
485
mA
mA
MA
remote on/off (CTRL)4
turn on (CTRL pin pulled low to GND (0~1.2 Vdc))
turn off (CTRL pin open or pulled high (2.4~12 Vdc))
input current when switched off
6
mA
filter
Pi filter
no load power consumption
0.1
W
Notes:
4. The voltage of the CTRL pin is referenced to input GND pin.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load5
5 Vdc output models
12 Vdc output models
15 Vdc output models
2,200
680
470
μF
μF
μF
voltage accuracy
from 0% to full load
±1
±3
%
line regulation
from low line to high line, full load
±0.2
±0.5
%
load regulation6
from 5% to full load
±0.5
±1
%
adjustability
see application notes
±5
%
switching frequency7
PWM mode
350
kHz
transient recovery time
25% load step change, nominal input voltage
300
500
μs
transient response deviation
25% load step change, nominal input voltage
±3
±5
%
temperature coefficient
at full load
±0.03
%/°C
Note:
5. Tested at input voltage range and full load.
6. At 0~100% load, the max load regulation is ±5%.
7. Value is based on full load. At loads <50%, the switching frequency decreases with decreasing load for efficiency improvement.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com