Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBJ10 Datasheet(PDF) 8 Page - CUI INC

Part # PYBJ10
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBJ10 Datasheet(HTML) 8 Page - CUI INC

Back Button PYBJ10 Datasheet HTML 2Page - CUI INC PYBJ10 Datasheet HTML 3Page - CUI INC PYBJ10 Datasheet HTML 4Page - CUI INC PYBJ10 Datasheet HTML 5Page - CUI INC PYBJ10 Datasheet HTML 6Page - CUI INC PYBJ10 Datasheet HTML 7Page - CUI INC PYBJ10 Datasheet HTML 8Page - CUI INC PYBJ10 Datasheet HTML 9Page - CUI INC PYBJ10 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
cui.com
date 03/27/2019
│ page 8 of 10
CUI Inc
│ SERIES: PYBJ10 │ DESCRIPTION: DC-DC CONVERTER
Table 3
Vout
(Vdc)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
Vref
(V)
5
2.94
2.87
15
2.5
12
11.00
2.87
17.4
2.5
15
14.50
2.87
15
2.5
Output voltage trimming
Leave open if not used.
Application Circuit for Trim pin
Formula for Trim Resistor
(part in broken line is the interior of models)
Note: Value for R1, R2, R3, and Vref refer to Table 3
R
T: Trim Resistor
a: User-defined parameter, no actual meanings
Vo': The trim up/down voltage
Figure 3
0V
R2
R1
R3
Vref
RT
Trim
Vo’
0V
R2
R1
R3
Vref
RT
Trim
Vo’
Trim up
Trim down
a
-a
R 2
a
R 1
R2
-a
R1
-R3
-R3
:
a=
Vref
Vref
Vo’ - Vref
Vo’ - Vref
R1
R=
T
:
a=
R2
R=
T
up
down
APPLICATION NOTES
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com