Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5410A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5410A
Description  Fixed-Point Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5410A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5410A Datasheet HTML 17Page - Texas Instruments TMS320VC5410A Datasheet HTML 18Page - Texas Instruments TMS320VC5410A Datasheet HTML 19Page - Texas Instruments TMS320VC5410A Datasheet HTML 20Page - Texas Instruments TMS320VC5410A Datasheet HTML 21Page - Texas Instruments TMS320VC5410A Datasheet HTML 22Page - Texas Instruments TMS320VC5410A Datasheet HTML 23Page - Texas Instruments TMS320VC5410A Datasheet HTML 24Page - Texas Instruments TMS320VC5410A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
www.ti.com
Hex
010000
01FFFF
Program
Page 1
XPC=1
On-Chip
DARAM0-3
(OVLY=1)
External
(OVLY=0)
On-Chip
DARAM4-7
(MP/MC=0)
External
(MP/MC=1)
Hex
Program
020000
02FFFF
Page 2
XPC=2
On-Chip
DARAM0-3
(OVLY=1)
External
(OVLY=0)
External
Hex
Program
On-Chip
DARAM0-3
(OVLY=1)
External
(OVLY=0)
7F0000
7FFFFF
Page 127
XPC=7Fh
External
7F7FFF
7F8000
027FFF
017FFF
018000
028000
......
TMS320VC5410A
Fixed-Point Digital Signal Processor
SPRS139G – NOVEMBER 2000 – REVISED JANUARY 2005
A.
Address ranges for on-chip DARAM in program memory are: DARAM4: 018000h-019FFFh; DARAM5: 01A000h-01
BFFFh DARAM6: 01C000h-01DFFFh; DARAM7: 01E000h-01FFFFh
Figure 3-3. Extended Program Memory Map
3.1.7.1
Relocatable Interrupt Vector Table
The reset, interrupt, and trap vectors are addressed in program space. These vectors are soft — meaning
that the processor, when taking the trap, loads the program counter (PC) with the trap address and
executes the code at the vector location. Four words, either two 1-word instructions or one 2-word
instruction, are reserved at each vector location to accommodate a delayed branch instruction which
allows branching to the appropriate interrupt service routine without the overhead.
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register with the
appropriate 128-word page boundary address. After loading IPTR, any user interrupt or trap vector is
mapped to the new 128-word page.
NOTE
The hardware reset (RS) vector cannot be remapped because the hardware reset loads
the IPTR with 1s. Therefore, the reset vector is always fetched at location FF80h in
program space.
15
8
IPTR
R/W-1FF
7
6
5
4
3
2
1
0
IPTR
MP/MC
OVLY
AVIS
DROM
CLKOFF
SMUL
SST
R/W-MP/MC
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
pin
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-4. Processor Mode Status Register (PMST)
Functional Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com