Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6525T-E/PTSQTP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F6525T-E/PTSQTP
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6525T-E/PTSQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F6525T-E/PTSQTP Datasheet HTML 9Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 10Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 11Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 12Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 13Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 15Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 16Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 396 page
background image
 2005 Microchip Technology Inc.
DS39612B-page 11
PIC18F6525/6621/8525/8621
TABLE 1-2:
PIC18F6525/6621/8525/8621 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F6X2X
PIC18F8X2X
MCLR/VPP/RG5(9)
MCLR
VPP
RG5
79
I
P
I
ST
—
ST
Master Clear (input) or programming
voltage (output).
Master Clear (Reset) input. This pin is an
active-low Reset to the device.
Programming voltage input.
Digital input.
OSC1/CLKI
OSC1
CLKI
39
49
I
I
CMOS/ST
CMOS
Oscillator crystal or external clock input.
Oscillator crystal input or external clock
source input. ST buffer when configured
in RC mode; otherwise CMOS.
External clock source input. Always
associated with pin function OSC1 (see
OSC1/CLKI, OSC2/CLKO pins).
OSC2/CLKO/RA6
OSC2
CLKO
RA6
40
50
O
O
I/O
—
—
TTL
Oscillator crystal or clock output.
Oscillator crystal output. Connects to
crystal or resonator in Crystal oscillator
mode.
In RC mode, OSC2 pin outputs CLKO
which has 1/4 the frequency of OSC1
and denotes the instruction cycle rate.
General purpose I/O pin.
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1: Alternate assignment for ECCP2/P2A in PIC18F8525/8621 devices when CCP2MX (CONFIG3H<0>) is not set (all
Program Memory modes except Microcontroller).
2: Default assignment for ECCP2/P2A when CCP2MX is set (all devices).
3: External memory interface functions are only available on PIC18F8525/8621 devices.
4: Default assignment for P1B/P1C/P3B/P3C for PIC18F8525/8621 devices when ECCPMX (CONFIG3H<1>) is set and for
all PIC18F6525/6621 devices.
5: Alternate assignment for ECCP2/P2A in PIC18F8525/8621 devices when CCP2MX is not set (Microcontroller mode).
6: PORTH and PORTJ (and their multiplexed functions) are only available on PIC18F8525/8621 devices.
7: Alternate assignment for P1B/P1C/P3B/P3C for PIC18F8525/8621 devices when ECCPMX (CONFIG3H<1>) is not set.
8: AVDD must be connected to a positive supply and AVSS must be connected to a ground reference for proper operation of
the part in user or ICSP™ modes. See parameter D001 for details.
9: RG5 is multiplexed with MCLR and is only available when the MCLR Resets are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com