Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF8621 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18LF8621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF8621 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18LF8621 Datasheet HTML 1Page - Microchip Technology PIC18LF8621 Datasheet HTML 2Page - Microchip Technology PIC18LF8621 Datasheet HTML 3Page - Microchip Technology PIC18LF8621 Datasheet HTML 4Page - Microchip Technology PIC18LF8621 Datasheet HTML 5Page - Microchip Technology PIC18LF8621 Datasheet HTML 6Page - Microchip Technology PIC18LF8621 Datasheet HTML 7Page - Microchip Technology PIC18LF8621 Datasheet HTML 8Page - Microchip Technology PIC18LF8621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 396 page
background image
 2005 Microchip Technology Inc.
DS39612B-page 1
PIC18F6525/6621/8525/8621
High Performance RISC CPU:
• Linear program memory addressing to 64 Kbytes
• Linear data memory addressing to 4 Kbytes
• 1 Kbyte of data EEPROM
• Up to 10 MIPs operation:
- DC – 40 MHz osc./clock input
- 4 MHz – 10 MHz osc./clock input with PLL active
• 16-bit wide instructions, 8-bit wide data path
• Priority levels for interrupts
• 31-level, software accessible hardware stack
• 8 x 8 Single-cycle Hardware Multiplier
Peripheral Features:
• High current sink/source 25 mA/25 mA
• Four external interrupt pins
• Timer0 module: 8-bit/16-bit timer/counter
• Timer1 module: 16-bit timer/counter
• Timer2 module: 8-bit timer/counter
• Timer3 module: 16-bit timer/counter
• Timer4 module: 8-bit timer/counter
• Secondary oscillator clock option – Timer1/Timer3
• Two Capture/Compare/PWM (CCP) modules:
- Capture is 16-bit, max. resolution 6.25 ns (TCY/16)
- Compare is 16-bit, max. resolution 100 ns (TCY)
- PWM output: 1 to 10-bit PWM resolution
• Three Enhanced Capture/Compare/PWM (ECCP)
modules:
- Same Capture/Compare features as CCP
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-Shutdown on external event
- Auto-Restart
• Master Synchronous Serial Port (MSSP) module
with two modes of operation:
- 2/3/4-wire SPI™ (supports all 4 SPI modes)
-I2C™ Master and Slave mode
• Two Enhanced USART modules:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-Wake-up on Start bit
- Auto-Baud Rate Detect
• Parallel Slave Port (PSP) module
External Memory Interface
(PIC18F8525/8621 Devices Only):
• Address capability of up to 2 Mbytes
• 16-bit interface
Analog Features:
• 10-bit, up to 16-channel Analog-to-Digital
Converter (A/D):
- Auto-Acquisition
- Conversion available during Sleep
• Programmable 16-level Low-Voltage Detection
(LVD) module:
- Supports interrupt on Low-Voltage Detection
• Programmable Brown-out Reset (BOR)
• Dual analog comparators:
- Programmable input/output configuration
Special Microcontroller Features:
• 100,000 erase/write cycle Enhanced Flash
program memory typical
• 1,000,000 erase/write cycle Data EEPROM
memory typical
• 1 second programming time
• Flash/Data EEPROM Retention: > 100 years
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own On-Chip
RC Oscillator for reliable operation
• Programmable code protection
• Power-saving Sleep mode
• Selectable oscillator options including:
- 4x Phase Lock Loop (PLL) – of primary oscillator
- Secondary Oscillator (32 kHz) clock input
• In-Circuit Serial Programming™ (ICSP™) via two pins
•MPLAB® In-Circuit Debug (ICD 2) via two pins
CMOS Technology:
• Low power, high-speed Flash technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Industrial and Extended temperature ranges
Device
Program Memory
Data Memory
I/O
10-bit
A/D
(ch)
CCP/
ECCP
PWM
MSSP/SPI™/
Master I2C™
EUSART
Timers
8-bit/16-bit
EMI
Bytes
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
PIC18F6525
48K
24576
3840
1024
53
12
2/3
14
Y
2
2/3
N
PIC18F6621
64K
32768
3840
1024
53
12
2/3
14
Y
2
2/3
N
PIC18F8525
48K
24576
3840
1024
70
16
2/3
14
Y
2
2/3
Y
PIC18F8621
64K
32768
3840
1024
70
16
2/3
14
Y
2
2/3
Y
64/80-Pin High-Performance, 64-Kbyte Enhanced Flash
Microcontrollers with A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com