Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF8621 Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC18LF8621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF8621 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18LF8621 Datasheet HTML 32Page - Microchip Technology PIC18LF8621 Datasheet HTML 33Page - Microchip Technology PIC18LF8621 Datasheet HTML 34Page - Microchip Technology PIC18LF8621 Datasheet HTML 35Page - Microchip Technology PIC18LF8621 Datasheet HTML 36Page - Microchip Technology PIC18LF8621 Datasheet HTML 37Page - Microchip Technology PIC18LF8621 Datasheet HTML 38Page - Microchip Technology PIC18LF8621 Datasheet HTML 39Page - Microchip Technology PIC18LF8621 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 396 page
background image
PIC18F6525/6621/8525/8621
DS39612B-page 34
 2005 Microchip Technology Inc.
ADCON0
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
ADCON1
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
ADCON2
PIC18F6X2X PIC18F8X2X
0-00 0000
0-00 0000
u-uu uuuu
CCPR1H
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
CCPR2H
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
CCPR3H
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR3L
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP3CON
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
CVRCON
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
CMCON
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TMR3H
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
PIC18F6X2X PIC18F8X2X
0000 0000
uuuu uuuu
uuuu uuuu
PSPCON(8)
PIC18F6X2X PIC18F8X2X
0000 ----
0000 ----
uuuu ----
SPBRG1
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
RCREG1
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TXREG1
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
TXSTA1
PIC18F6X2X PIC18F8X2X
0000 0010
0000 0010
uuuu uuuu
RCSTA1
PIC18F6X2X PIC18F8X2X
0000 000x
0000 000x
uuuu uuuu
EEADRH
PIC18F6X2X PIC18F8X2X
---- --00
---- --00
---- --uu
EEADR
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
EEDATA
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
EECON2
PIC18F6X2X PIC18F8X2X
---- ----
---- ----
---- ----
EECON1
PIC18F6X2X PIC18F8X2X
xx-0 x000
uu-0 u000
uu-u u000
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ‘0’.
7:
If MCLR function is disabled, PORTG<5> is a read-only bit.
8:
Enabled only in Microcontroller mode for PIC18F8525/8621 devices.
9:
The MEMCON register is unimplemented and reads all ‘0’s when the device is in Microcontroller mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com