Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT88430QJ-T Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT88430QJ-T
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88430QJ-T Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT88430QJ-T Datasheet HTML 12Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 13Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 14Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 15Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 16Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 17Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 18Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 19Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
ACT88430QJ-T
Rev 1.0, 24-Oct-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM
is a trademark of Active-Semi.
Copyright © 2016-2018 Active-Semi, Inc.
I2CTM is a trademark of NXP
16
BUCK3 ELECTRICAL CHARACTERISTICS, REGULATORS:
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
Output Voltage Range
Configured for 9.375mV steps
0.6
3.0
V
Configured for 12.5mV steps
0.8
4.0
V
Maximum Output Current
2
A
Supply Current, Standby
Low Power Mode Enabled
Regulator Only, No Load (VOUT = VSET*1.05)
40
µA
Supply Current, Shutdown
Regulator Disabled
0.1
1
µA
Output Voltage Accuracy – PWM
Default output voltage, IOUT = 1A
-1%
VNOM
1%
V
Output Voltage Accuracy - PFM
Default output voltage, IOUT = 1mA, Average
Ripple Voltage
-1%
VNOM
1%
V
Line Regulation
Default output voltage, VIN_B3 = 3.3V to 5.5V,
PWM mode
0.02
%/V
Load Regulation
Default output voltage, PWM Mode
0.04
%/A
Power Good Threshold
VOUT_B3 Rising
92
93
94
%VNOM
Power Good Hysteresis
VOUT_B3 Falling
3
%VNOM
Overvoltage Fault Threshold
VOUT_B3 Rising
107.5
110
112.5
%VNOM
Overvoltage Fault Hysteresis
VOUT_B3 Falling
3
%VNOM
Switching Frequency
VOUT_B3 ≥ 20% of VNOM
2.15
2.25
2.36
MHz
Soft-Start Period – Programmable Range
Configurable in 50us Steps
10% to 90% VNOM
150
485
µs
Soft-Start Period
Variation from set point
-25
+25
%
Internal High Side Peak Current Limit
(Cycle-by-Cycle) ILIMSET
B3_ILIMSET=00
B3_ILIMSET=01
B3_ILIMSET=10
B3_ILIMSET=11
N/A
4.0
3.0
2.0
A
Internal High Side Peak Current Limit
(Cycle-by-Cycle) Tolerance
At default ILIMSET
-10%
ILIMSET
+10%
At other set points
-15%
ILIMSET
+15%
Internal High Side Peak Current Limit,
Shutdown Level
Above ILIMSET = all settings
+15%
+22.5%
+30%
Internal High Side Peak Current Limit,
IRQ Triggered Level
Below ILIMSET = all settings
-17.5%
-25%
-32.5%
Internal High Side Peak Current Limit
IRQ Signal Deglitch Time
16 consecutive clocks at 2.25MHz
6.78
7.11
7.44
µs
PMOS On-Resistance
ISW = -500mA, VIN_B3 = 3.3V
0.08
Ω
NMOS On-Resistance
ISW = 500mA, VIN_B3 = 3.3V
0.05
Ω
SW Leakage Current – NMOS
VIN_B3 = 5.5V, VSW = 5.5V
1
µA
SW Leakage Current – PMOS
VIN_B3 = 5.5V, VSW = 0V
1
µA
Dynamic Voltage Scaling Rate
B3_SLEW=00
B3_SLEW=01
B3_SLEW=10
B3_SLEW=11
Immediate
14.0
3.50
0.88
mV/µs
Switching Rise / Fall Times
VIN_B3 = 5V
3 / 5.5
ns
(VIN_B3 = 3.3V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com